Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9409YS24 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9409YS24
Description  Low Noise/Low Power/2-Wire Bus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9409YS24 Datasheet(HTML) 1 Page - Intersil Corporation

  X9409YS24 Datasheet HTML 1Page - Intersil Corporation X9409YS24 Datasheet HTML 2Page - Intersil Corporation X9409YS24 Datasheet HTML 3Page - Intersil Corporation X9409YS24 Datasheet HTML 4Page - Intersil Corporation X9409YS24 Datasheet HTML 5Page - Intersil Corporation X9409YS24 Datasheet HTML 6Page - Intersil Corporation X9409YS24 Datasheet HTML 7Page - Intersil Corporation X9409YS24 Datasheet HTML 8Page - Intersil Corporation X9409YS24 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
X9409
Low Noise/Low Power/2-Wire Bus
Quad Digitally Controlled Potentiometers
(XDCP™)
FEATURES
• Four potentiometers per package
• 64 resistor taps
• 2-wire serial interface for write, read, and trans-
fer operations of the potentiometer
•50
Ω Wiper resistance, typical at 5V.
• Four non-volatile data registers for each
potentiometer
• Non-volatile storage of multiple wiper position
• Power-on recall. Loads saved wiper position on
power-up.
• Standby current < 1µA typical
•System VCC: 2.7V to 5.5V operation
•10k
Ω, 2.5kΩ End to end resistance
• 100 yr. data retention
• Endurance: 100,000 data changes per bit per
register
• Low power CMOS
• 24 Ld SOIC, 24 Ld TSSOP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The
X9409
integrates
4
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array through the switches. Power-up recalls
the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
SCL
SDA
A0
A1
A2
A3
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RHO
Data
8
VW0/
VW1/
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
WP
RW1
RH1
RWO
VL0/
RLO
Pot 0
VCC
VSS
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
Data Sheet
FN8192.3
October 19, 2005


Similar Part No. - X9409YS24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9409YS24 XICOR-X9409YS24 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
X9409YS24-2.7 XICOR-X9409YS24-2.7 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
X9409YS24I XICOR-X9409YS24I Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
X9409YS24I-2.7 XICOR-X9409YS24I-2.7 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
More results

Similar Description - X9409YS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com