Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251TV24-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9251TV24-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251TV24-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9251TV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 9Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 10Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 11Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 12Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 13Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 14Page - Intersil Corporation X9251TV24-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN8166.2
September 14, 2005
INSTRUCTION FORMAT
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
Notes: (1) “A1 ~ A0”: stands for the device addresses sent by the master.
(2) WPx refers to wiper position data in the Counter Register
(2) “I”: stands for the increment operation, SI held HIGH during active SCK phase (high).
(3) “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
WCR
Addresses
Wiper Position
(Sent by X9251 on SO)
CS
Rising
Edge
0
1
0
1
0
0 A1 A0 100
100
0
0
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
WCR
Addresses
Data Byte
(Sent by Host on SI)
CS
Rising
Edge
0
1
0
1
0
0 A1 A0 1
0
1000
0
0
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
DR and WCR
Addresses
Data Byte
(Sent by X9271 on SO)
CS
Rising
Edge
0
10100 A1 A0 1
0
1
1 RB RA P1 P0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
DR and WCR
Addresses
Data Byte
(Sent by Host on SI)
CS
Rising
Edge
0
1
0
1
00 A1 A0 11 00 RB RA P1 P0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
CS
Falling
Edge
Device Type
Identifier
Device
Addresses
Instruction
Opcode
DR
Addresses
CS
Rising
Edge
010
100 A1 A0 0
0
0
1
RB RA
0
0
X9251


Similar Part No. - X9251TV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251TV24-2.7 XICOR-X9251TV24-2.7 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251TV24-2.7 INTERSIL-X9251TV24-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9251TV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com