Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408YV24Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9408YV24Z
Description  Low Noise/Low Power/2-Wire Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408YV24Z Datasheet(HTML) 4 Page - Intersil Corporation

  X9408YV24Z Datasheet HTML 1Page - Intersil Corporation X9408YV24Z Datasheet HTML 2Page - Intersil Corporation X9408YV24Z Datasheet HTML 3Page - Intersil Corporation X9408YV24Z Datasheet HTML 4Page - Intersil Corporation X9408YV24Z Datasheet HTML 5Page - Intersil Corporation X9408YV24Z Datasheet HTML 6Page - Intersil Corporation X9408YV24Z Datasheet HTML 7Page - Intersil Corporation X9408YV24Z Datasheet HTML 8Page - Intersil Corporation X9408YV24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8191.2
September 19, 2005
PRINCIPLES OF OPERATION
The
X9408
is
a
highly
integrated
microcircuit
incorporating four resistor arrays and their associated
registers and counters and the serial interface logic
providing direct communication between the host and
the XDCP potentiometers.
Serial Interface
The X9408 supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter and the receiving
device as the receiver. The device controlling the
transfer is a master and the device being controlled is
the slave. The master will always initiate data transfers
and provide the clock for both transmit and receive
operations. Therefore, the X9408 will be considered a
slave device in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW periods (tLOW). SDA state changes during
SCL HIGH are reserved for indicating start and stop
conditions.
Start Condition
All commands to the X9408 are preceded by the start
condition, which is a HIGH to LOW transition of SDA
while SCL is HIGH (tHIGH). The X9408 continuously
monitors the SDA and SCL lines for the start condition
and will not respond to any command until this
condition is met.
Stop Condition
All communications must be terminated by a stop
condition, which is a LOW to HIGH transition of SDA
while SCL is HIGH.
Acknowledge
Acknowledge is a software convention used to provide
a positive handshake between the master and slave
devices on the bus to indicate the successful receipt of
data. The transmitting device, either the master or the
slave, will release the SDA bus after transmitting eight
bits. The master generates a ninth clock cycle and
during this period the receiver pulls the SDA line LOW
to acknowledge that it successfully received the eight
bits of data.
The X9408 will respond with an acknowledge after
recognition of a start condition and its slave address
and once again after successful receipt of the
command byte. If the command is followed by a data
byte the X9408 will respond with a final acknowledge.
Array Description
The X9408 is comprised of four resistor arrays. Each
array contains 63 discrete resistive segments that are
connected in series. The physical ends of each array
are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RLinputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(RW) output. Within each individual array only one
switch may be turned on at a time. These switches are
controlled by the Wiper Counter Register (WCR). The
six bits of the WCR are decoded to select, and enable,
one of sixty-four switches.
The WCR may be written directly, or it can be changed
by transferring the contents of one of four associated
Data Registers into the WCR. These Data Registers
and the WCR can be read and written by the host
system.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most
significant four bits of the slave address are the device
type identifier (refer to Figure 1 below). For the X9408
this is fixed as 0101[B].
Figure 1. Slave Address
The next four bits of the slave address are the device
address. The physical device address is defined by
the state of the A0 - A3 inputs. The X9408 compares
the serial data stream with the address input state; a
successful compare of all four address bits is required
for the X9408 to respond with an acknowledge. The
A0 - A3 inputs can be actively driven by CMOS input
signals or tied to VCC or VSS.
1
00
A3
A2
A1
A0
Device Type
Identifier
Device Address
1
X9408


Similar Part No. - X9408YV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408YV24Z INTERSIL-X9408YV24Z Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
X9408YV24Z INTERSIL-X9408YV24Z Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24Z RENESAS-X9408YV24Z Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408YV24Z-2.7 INTERSIL-X9408YV24Z-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24Z-2.7 RENESAS-X9408YV24Z-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408YV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com