Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408YV24I Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9408YV24I
Description  Low Noise/Low Power/2-Wire Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408YV24I Datasheet(HTML) 5 Page - Intersil Corporation

  X9408YV24I Datasheet HTML 1Page - Intersil Corporation X9408YV24I Datasheet HTML 2Page - Intersil Corporation X9408YV24I Datasheet HTML 3Page - Intersil Corporation X9408YV24I Datasheet HTML 4Page - Intersil Corporation X9408YV24I Datasheet HTML 5Page - Intersil Corporation X9408YV24I Datasheet HTML 6Page - Intersil Corporation X9408YV24I Datasheet HTML 7Page - Intersil Corporation X9408YV24I Datasheet HTML 8Page - Intersil Corporation X9408YV24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN8191.2
September 19, 2005
Acknowledge Polling
The disabling of the inputs, during the internal
Nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9408
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9408 is still busy with the write operation no ACK will
be returned. If the X9408 has completed the write
operation an ACK will be returned and the master can
then proceed with the next operation.
Flow 1. ACK Polling Sequence
Instruction Structure
The next byte sent to the X9408 contains the instruction
and register pointer information. The four most
significant bits are the instruction. The next four bits
point to one of the two pots and when applicable they
point to one of four associated registers. The format is
shown below in Figure 2.
Figure 2. Instruction Byte Format
The four high order bits define the instruction. The
next two bits (R1 and R0) select one of the four
registers that is to be acted upon when a register
oriented instruction is issued. The last bits (P1, P0)
select which one of the four potentiometers is to be
affected by the instruction.
Four of the nine instructions end with the transmission
of the instruction byte. The basic sequence is
illustrated in Figure 3. These two-byte instructions
exchange data between the Wiper Counter Register
and one of the Data Registers. A transfer from a Data
Register to a Wiper Counter Register is essentially a
write to a static RAM. The response of the wiper to this
action will be delayed tWRL. A transfer from the Wiper
Counter Register (current wiper position), to a data
register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or it may occur globally, wherein
the transfer occurs between all of the potentiometers
and one of their associated registers.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between
the host and the X9408; either between the host and
one of the data registers or directly between the host
and the Wiper Counter Register. These instructions
are: Read Wiper Counter Register (read the current
wiper position of the selected pot), Write Wiper
Counter Register (change current wiper position of the
selected pot), Read Data Register (read the contents
of the selected nonvolatile register) and Write Data
Register (write a new value to the selected Data
Register). The sequence of operations is shown in
Figure 4.
Nonvolatile Write
Command Completed
Enter ACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
NO
YES
YES
Proceed
Issue STOP
NO
Proceed
I1
I2
I3
I0
R1
R0
P1
P0
Wiper Counter
Register
Select
Instructions
Register Select
X9408


Similar Part No. - X9408YV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408YV24I INTERSIL-X9408YV24I Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
X9408YV24I INTERSIL-X9408YV24I Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24I RENESAS-X9408YV24I Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408YV24I-2.7 INTERSIL-X9408YV24I-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24I-2.7 RENESAS-X9408YV24I-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408YV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com