Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WP24I Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9410WP24I
Description  Low Noise/Low Power/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WP24I Datasheet(HTML) 3 Page - Intersil Corporation

  X9410WP24I Datasheet HTML 1Page - Intersil Corporation X9410WP24I Datasheet HTML 2Page - Intersil Corporation X9410WP24I Datasheet HTML 3Page - Intersil Corporation X9410WP24I Datasheet HTML 4Page - Intersil Corporation X9410WP24I Datasheet HTML 5Page - Intersil Corporation X9410WP24I Datasheet HTML 6Page - Intersil Corporation X9410WP24I Datasheet HTML 7Page - Intersil Corporation X9410WP24I Datasheet HTML 8Page - Intersil Corporation X9410WP24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN8193.1
September 19, 2005
PIN DESCRIPTIONS
Host Interface Pins
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked
out by the falling edge of the serial clock.
Serial Input
SI is the serial data input pin. All opcodes, byte
addresses and data to be written to the pots and pot
registers are input on this pin. Data is latched by the
rising edge of the serial clock.
Serial Clock (SCK)
The SCK input is used to clock data into and out of the
X9410.
Chip Select (CS)
When CS is HIGH, the X9410 is deselected and the
SO pin is at high impedance, and (unless an internal
write cycle is underway) the device will be in the
standby state. CS LOW enables the X9410, placing it
in the active power mode. It should be noted that after
a power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Hold (HOLD)
HOLD is used in conjunction with the CS pin to select
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
the serial communication with the controller without
resetting the serial sequence. To pause, HOLD must
be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while
SCK is LOW. If the pause feature is not used, HOLD
should be held HIGH at all times.
Device Address (A0 - A1)
The address inputs are used to set the least significant
2 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
address input in order to initiate communication with
the X9410. A maximum of 4 devices may occupy the
SPI serial bus.
Potentiometer Pins
VH/RH (VH0/RH0 - VH1/RH1), VL/RL (VL0/RL0 - VL1/RL1)
The VH/RH and VL/RL inputs are equivalent to the terminal
connections on either end of a mechanical potentiometer.
VW/RW (VW0/RW0 - VW1/RW1)
The wiper outputs are equivalent to the wiper output of
a mechanical potentiometer.
Hardware Write Protect Input (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.
Analog Supplies (V+, V-)
The analog supplies V+, V- are the supply voltages for
the XDCP analog section.
PIN CONFIGURATION
VCC
VL0/RL0
VH0/RH0
WP
SI
A1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
V+
A0
SO
HOLD
SCK
DIP/SOIC
X9410
VSS
VW0/RW0
14
13
11
12
CS
VL1/RL1
VH1/RH1
VW1/RW1
V-
SI
A1
VL1/RL1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
WP
CS
VW0/RW0
VH0/RH0
VL0/RL0
VCC
TSSOP
X9410
HOLD
VH1/RH1
14
13
11
12
VW1/RW1
SCK
A0
SO
VSS
NC
NC
NC
NC
NC
NC
NC
NC
NC
V+
V-
NC
NC
NC
X9410


Similar Part No. - X9410WP24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410WP24I XICOR-X9410WP24I Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WP24I INTERSIL-X9410WP24I Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9410WP24I RENESAS-X9410WP24I Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Xicor Inc.
X9410WP24I-2.7 XICOR-X9410WP24I-2.7 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WP24I-2.7 INTERSIL-X9410WP24I-2.7 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
More results

Similar Description - X9410WP24I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com