Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9401WV24Z-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9401WV24Z-2.7
Description  Low Noise/Low Power/SPI Bus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401WV24Z-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9401WV24Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9401WV24Z-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN8190.2
September 23, 2005
Figure 2. Instruction Byte Format
The four high order bits of the instruction byte specify
the operation. The next two bits (R1 and R0) select
one of the four registers that is to be acted upon when
a register oriented instruction is issued. The last two
bits (P1 and P0) selects which one of the four potenti-
ometers is to be affected by the instruction.
Four of the ten instructions are two bytes in length and
end with the transmission of the instruction byte.
These instructions are:
– XFR Data Register to Wiper Counter Register—This
transfers the contents of one specified Data Register
to the associated Wiper Counter Register.
– XFR Wiper Counter Register to Data Register—This
transfers the contents of the specified Wiper
Counter Register to the specified associated Data
Register.
– Global XFR Data Register to Wiper Counter Register
—This transfers the contents of all specified Data
Registers to the associated Wiper Counter Regis-
ters.
– Global XFR Wiper Counter Register to Data
Register—This transfers the contents of all Wiper
Counter Registers to the specified associated Data
Registers.
The basic sequence of the two byte instructions is illus-
trated
in
Figure
3.
These
two-byte
instructions
exchange data between the WCR and one of the data
registers. A transfer from a data register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the wiper
to this action will be delayed by tWRL. A transfer from
the WCR (current wiper position), to a data register is a
write to nonvolatile memory and takes a minimum of
tWR to complete. The transfer can occur between one
of the four potentiometers and one of its associated reg-
isters; or it may occur globally, where the transfer
occurs between all potentiometers and one associated
register.
Five instructions require a three-byte sequence to
complete. These instructions transfer data between
the host and the X9401; either between the host and
one of the data registers or directly between the host
and the Wiper Counter Register. These instructions
are:
– Read Wiper Counter Register— read the current
wiper position of the selected pot,
– Write Wiper Counter Register—change current
wiper position of the selected pot,
– Read Data Register—read the contents of the
selected data register;
– Write Data Register—write a new value to the
selected data register.
– Read Status—This command returns the contents
of the WIP bit which indicates if the internal write
cycle is in progress.
The sequence of these operations is shown in Figure 4
and Figure 5.
The final command is Increment/Decrement. It is dif-
ferent from the other commands, because it’s length is
indeterminate. Once the command is issued, the mas-
ter can clock the selected wiper up and/or down in one
resistor segment steps; thereby, providing a fine tun-
ing capability to the host. For each SCK clock pulse
(tHIGH) while SI is HIGH, the selected wiper will move
one resistor segment towards the VH/RH terminal.
Similarly, for each SCK clock pulse while SI is LOW,
the selected wiper will move one resistor segment
towards the VL/RL terminal. A detailed illustration of the
sequence and timing for this operation are shown in
Figure 6 and Figure 7.
I1
I2
I3
I0
R1
R0
P1
P0
Pot Select
Register
Select
Instructions
X9401


Similar Part No. - X9401WV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WV24Z-2.7 INTERSIL-X9401WV24Z-2.7 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9401WV24Z-2.7 INTERSIL-X9401WV24Z-2.7 Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
logo
Renesas Technology Corp
X9401WV24Z-2.7 RENESAS-X9401WV24Z-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9401WV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com