Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315USIZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9315USIZ
Description  Low Noise, Low Power, 32 Taps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315USIZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9315USIZ Datasheet HTML 6Page - Intersil Corporation X9315USIZ Datasheet HTML 7Page - Intersil Corporation X9315USIZ Datasheet HTML 8Page - Intersil Corporation X9315USIZ Datasheet HTML 9Page - Intersil Corporation X9315USIZ Datasheet HTML 10Page - Intersil Corporation X9315USIZ Datasheet HTML 11Page - Intersil Corporation X9315USIZ Datasheet HTML 12Page - Intersil Corporation X9315USIZ Datasheet HTML 13Page - Intersil Corporation X9315USIZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN8179.1
September 15, 2005
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VW/RW
VR
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
VH
VL
Cascading Techniques
Buffered Reference Voltage
+
+5V
R1
+V
-5V
VW
VREF
VOUT
OP-07
RW/VW
RW/VW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
Noninverting Amplifier
+
VS
VO
R2
R1
VO = (1 + R2/R1)VS
LM308A
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1 + R2/R1) + Iadj R2
VO (REG)
VIN
317
Comparator with Hysteresis
VUL = {R1/(R1 + R2)} VO(max)
VLL = {R1/(R1 + R2)} VO(min)
+
VS
VO
R2
R1
LT311A
+5V
-5V
(for additional circuits see AN115)
X9315


Similar Part No. - X9315USIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315USIZ INTERSIL-X9315USIZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
logo
Renesas Technology Corp
X9315USIZ RENESAS-X9315USIZ Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315USIZ-2.7 RENESAS-X9315USIZ-2.7 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315USIZ-2.7T1 RENESAS-X9315USIZ-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315USIZT1 INTERSIL-X9315USIZT1 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results

Similar Description - X9315USIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
logo
Renesas Technology Corp
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com