Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9418WV24I Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9418WV24I
Description  Dual Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9418WV24I Datasheet(HTML) 1 Page - Intersil Corporation

  X9418WV24I Datasheet HTML 1Page - Intersil Corporation X9418WV24I Datasheet HTML 2Page - Intersil Corporation X9418WV24I Datasheet HTML 3Page - Intersil Corporation X9418WV24I Datasheet HTML 4Page - Intersil Corporation X9418WV24I Datasheet HTML 5Page - Intersil Corporation X9418WV24I Datasheet HTML 6Page - Intersil Corporation X9418WV24I Datasheet HTML 7Page - Intersil Corporation X9418WV24I Datasheet HTML 8Page - Intersil Corporation X9418WV24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
X9418
Low Noise/Low Power/2-Wire Bus
Dual Digitally Controlled Potentiometers
(XDCP™)
FEATURES
• Two potentiometers in one package
• 2-wire serial interface
• Register oriented format
—Direct Read/Write/Transfer Wiper Position
—Store as many as Four Positions per
Potentiometer
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = -2.7V to -5.5V
• Low power CMOS
—Standby current < 1µA
—Ideal for Battery Operated Applications
• High reliability
—Endurance–100,000 Data Changes per Bit per
Register
—Register Data Retention–100 years
• 8-bytes of nonvolatile memory
•2.5k
Ω, 10kΩ resistor array
• Resolution: 64 taps each potentiometer
• 24-pin plastic DIP, 24-lead TSSOP and 24-lead
SOIC packages
DESCRIPTION
The
X9418
integrates
two
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array through the switches. Power up recalls
the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Resistor
Array
XDCP1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
SCL
SDA
A0
A1
A2
A3
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
Wiper
Counter
Register
(WCR)
WP
VCC
VSS
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8194.0
March 7, 2005


Similar Part No. - X9418WV24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9418WV24I XICOR-X9418WV24I Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
X9418WV24I-2.7 XICOR-X9418WV24I-2.7 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
logo
Intersil Corporation
X9418WV24I-2.7 INTERSIL-X9418WV24I-2.7 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9418WV24I-2.7 RENESAS-X9418WV24I-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9418WV24IZ-2.7 INTERSIL-X9418WV24IZ-2.7 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
More results

Similar Description - X9418WV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com