Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9418WP24-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9418WP24-2.7
Description  Dual Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9418WP24-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9418WP24-2.7 Datasheet HTML 1Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 2Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 3Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 4Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 5Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 6Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 7Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 8Page - Intersil Corporation X9418WP24-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8194.0
March 7, 2005
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9418
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9418 is still busy with the write operation no ACK will
be returned. If the X9418 has completed the write
operation an ACK will be returned, and the master can
then proceed with the next operation.
Flow 1. ACK Polling Sequence
Instruction Structure
The next byte sent to the X9418 contains the instruction
and register pointer information. The four most
significant bits are the instruction. The next four bits
point to one of the two pots and when applicable they
point to one of four associated registers. The format is
shown below in Figure 2.
Figure 2. Instruction Byte Format
The four high order bits define the instruction. The
next two bits (R1 and R0) select one of the four
registers that is to be acted upon when a register
oriented instruction is issued. The last bits (P0) select
which one of the two potentiometers is to be affected
by the instruction. Bit 1 is defined to be 0.
Four of the nine instructions end with the transmission
of the instruction byte. The basic sequence is
illustrated in Figure 3. These two-byte instructions
exchange data between the wiper counter register and
one of the data registers. A transfer from a Data
Register to a Wiper Counter Register is essentially a
write to a static RAM. The response of the wiper to this
action will be delayed tWRL. A transfer from the wiper
counter register (current wiper position), to a Data
Register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the two potentiometers and one of its
associated registers; or it may occur globally, wherein
the
transfer
occurs
between
both
of
the
potentiometers and one of their associated registers.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between
the host and the X9418; either between the host and
one of the Data Registers or directly between the host
and the wiper counter register. These instructions are:
Read Wiper Counter Register (read the current wiper
position of the selected pot), write Wiper Counter
Register (change current wiper position of the selected
pot), read Data Register (read the contents of the
selected nonvolatile register) and write Data Register
(write a new value to the selected Data Register). The
sequence of operations is shown in Figure 4.
Nonvolatile Write
Command Completed
Enter ACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
NO
YES
YES
Proceed
Issue STOP
NO
Proceed
I1
I2
I3
I0
R1
R0
0
P0
Wiper Counter
Register Select
Register
Select
Instructions
X9418


Similar Part No. - X9418WP24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9418WP24-2.7 XICOR-X9418WP24-2.7 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results

Similar Description - X9418WP24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com