Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM193 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM193
Description  LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193 Datasheet(HTML) 3 Page - Texas Instruments

  LM193_V02 Datasheet HTML 1Page - Texas Instruments LM193_V02 Datasheet HTML 2Page - Texas Instruments LM193_V02 Datasheet HTML 3Page - Texas Instruments LM193_V02 Datasheet HTML 4Page - Texas Instruments LM193_V02 Datasheet HTML 5Page - Texas Instruments LM193_V02 Datasheet HTML 6Page - Texas Instruments LM193_V02 Datasheet HTML 7Page - Texas Instruments LM193_V02 Datasheet HTML 8Page - Texas Instruments LM193_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
3
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V, LM393B, LM2903B
www.ti.com
SLCS005AB – OCTOBER 1979 – REVISED DECEMBER 2019
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V LM393B LM2903B
Submit Documentation Feedback
Copyright © 1979–2019, Texas Instruments Incorporated
Changed input error in Feature Description text ................................................................................................................. 19
Changed Design Paramter maximum current from: 20 mA to: 4 mA................................................................................... 20
Changed and revised text in Response Time section .......................................................................................................... 21
Added Receiving Notification of Documentation Updates section ....................................................................................... 24
Changes from Revision X (January 2014) to Revision Y
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changes from Revision W (July 2010) to Revision X
Page
Updated document to new TI data sheet format - no specification changes. ........................................................................ 1
Removed Ordering Information table ..................................................................................................................................... 4
Added ESD warning. ............................................................................................................................................................ 24


Similar Part No. - LM193_V02

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Similar Description - LM193_V02

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V02 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com