Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408WS24I-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9408WS24I-2.7
Description  Low Noise/Low Power/2-Wire Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408WS24I-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X9408WS24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8191.2
September 19, 2005
Ordering Information
PART NUMBER
PART MARKING VCC LIMITS (V)
POTENTIOMETER
ORGANIZATION
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
X9408YP24
5 ±10%
2.5
0 to 70
24 Ld PDIP
X9408YS24*
0 to 70
24 Ld SOIC (300 mil)
X9408YS24I*
-40 to 85
24 Ld SOIC (300 mil)
X9408YV24*
X9408YV
0 to 70
24 Ld TSSOP (4.4mm)
X9408YV24Z* (Note)
X9408YV Z
0 to 70
24 Ld TSSOP (4.4mm) (Pb-free)
X9408YV24I*
X9408YV I
-40 to 85
24 Ld TSSOP (4.4mm)
X9408YV24IZ* (Note)
X9408YV Z I
-40 to 85
24 Ld TSSOP (4.4mm) (Pb-free)
X9408WP24
10
0 to 70
24 Ld PDIP
X9408WP24I
-40 to 85
24 Ld PDIP
X9408WS24*
X9408WS
0 to 70
24 Ld SOIC (300 mil)
X9408WS24I*
X9408WS I
-40 to 85
24 Ld SOIC (300 mil)
X9408WV24*
X9408WV
0 to 70
24 Ld TSSOP (4.4mm)
X9408WV24Z* (Note)
X9408WV Z
0 to 70
24 Ld TSSOP (4.4mm) (Pb-free)
X9408WV24I*
X9408WV I
-40 to 85
24 Ld TSSOP (4.4mm)
X9408WV24IZ* (Note)
X9408WV Z I
-40 to 85
24 Ld TSSOP (4.4mm) (Pb-free)
X9408YP24I-2.7
2.7 to 5.5
2.5
-40 to 85
24 Ld PDIP
X9408YS24-2.7*
0 to 70
24 Ld SOIC (300 mil)
X9408YS24I-2.7*
-40 to 85
24 Ld SOIC (300 mil)
X9408YV24-2.7*
X9408YV F
0 to 70
24 Ld TSSOP (4.4mm)
X9408YV24Z-2.7* (Note)
X9408YV Z F
0 to 70
24 Ld TSSOP (4.4mm) (Pb-free)
X9408YV24I-2.7*
X9408YV G
-40 to 85
24 Ld TSSOP (4.4mm)
X9408YV24IZ-2.7T1 (Note) X9408YV Z G
-40 to 85
24 Ld TSSOP (4.4mm) Tape and Reel
(Pb-free)
X9408WP24-2.7
10
0 to 70
24 Ld PDIP
X9408WP24I-2.7
-40 to 85
24 Ld PDIP
X9408WS24-2.7*
X9408WS F
0 to 70
24 Ld SOIC (300 mil)
X9408WS24I-2.7*
X9408WS G
-40 to 85
24 Ld SOIC (300 mil)
X9408WSI-2.7
-40 to 85
24 Ld SOIC (300 mil)
X9408WV24-2.7*
X9408WV F
0 to 70
24 Ld TSSOP (4.4mm)
X9408WV24Z-2.7* (Note)
X9408WV Z F
0 to 70
24 Ld TSSOP (4.4mm) (Pb-free)
X9408WV24I-2.7*
X9408WV G
-40 to 85
24 Ld TSSOP (4.4mm)
X9408WV24IZ-2.7* (Note) X9408WV Z G
-40 to 85
24 Ld TSSOP (4.4mm) (Pb-free)
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X9408


Similar Part No. - X9408WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408WS24I-2.7 INTERSIL-X9408WS24I-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408WS24I-2.7 RENESAS-X9408WS24I-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com