8 / 9 page
- 8 / 9 -
(SDM7101-XC,SDM7101-XC)
Specification:TS-S97D022C
Date : August , 2000
9. Reliability Test
Bellcore TA-NWT-000983 Issue 2, December 1993
Heading
Test
Reference
Condition
Sampling
SEI Plan
LTPD
SS
C
SS
F/C
Mechanical Mechanical
MIL-STD-883
Condition B
Integrity
Shock
Method 2002
5 times/axis
500G, 1.0 ms
20%
11
0
---
---
1,500G, 0.5ms
20%
11
0
11
0
Vibration
MIL-STD-883
Condition A
20%
11
0
11
0
Method 2007
20 G
20-2,000 Hz
4 min/cycle; 4 cycles/axis
Thermal Shock MIL-STD-883
∆T=100°C
20%
11
0
11
0
Method 1011
Solderability
MIL-STD-883
(steam aging not required) 20%
11
0
11
0
Method 2003
Fiber Pull
1 Kg; 3 times;5sec.
20%
11
0
---
---
2 Kg; 3 times; 5sec.
20%
11
0
---
---
Endurance Accel. Aging
(R)-453
+85C; rated power
(High Temp.)
Section 5.18
>5,000hrs.
---
25
---
25
0
>10,000hrs.
---
10
---
---
---
High Temp.
----------
max. storage T (T=85°C)
20%
11
0
---
---
Storage
>2,000
Low Temp.
----------
min. storage T (T=-40°C)
20%
11
0
11
0
Storage
>2,000
Temperature
Section 5.20
- 40°C to +85°C
Cycling
400 times pass/fail
20%
11
0
---
---
500 times for info.
---
11
---
---
---
500 times pass/fail
20%
11
0
11
0
1000 times for info.
---
11
---
11
0
Damp Heat
MIL-STD-202 M103 40°C , 95%, 56days
20%
11
0
11
0
(if using epoxy) or IEC 68-2-3
or 85°C /85%RH 2,000hrs. 20%
11
0
---
---
Cyclic Moisture Section 5.23
----------
20%
11
0
11
0
Resistance
Special
Internal
MIL-STD-883
< 5,000 ppm
20%
11
0
11
0
Tests
Moisture
Method 1018
water vapor
Flammability
TR357:Sec. 4.4.2.5 -----------
----
----
---
----
OK
ESD Threshold Section 5.22
-----------
----
6
---
6
0
Class 1 Laser Product
Caution
Ifthisproductisusedunderconditionsnotrecommendedinthespecificationorthisproductisusedwithunauthorizedrevision,
classficationforlaserproductsafetystandardisinvalid. Classify theproductagainatyourresponsibilityandtakeappropriateactions.
10. Laser Safety
This product uses a semiconductor laser system and is a laser class
1 product acc. FDA, complies with 21CFR1040. 10 and 1040.11.
Also this product is a laser class 1 product acc. IEC 825-1.