Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WSI-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9315WSI-2.7
Description  Low Noise, Low Power, 32 Taps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315WSI-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9315WSI-2.7 Datasheet HTML 1Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 2Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 3Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 4Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 5Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 6Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 7Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 8Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN8179.1
September 15, 2005
Pin Descriptions
RH/VH and RL/VL
The high (RH/VH) and low (RL/VL) terminals of the X9315
are equivalent to the fixed terminals of a mechanical
potentiometer. The minimum voltage is VSS and the
maximum is VCC. The terminology of RL/VL and RH/VH
references the relative position of the terminal in relation to
wiper movement direction selected by the U/D input, and not
the voltage potential on the terminal.
R
W/VW
RW/Vw is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the control inputs.
The wiper terminal series resistance is typically 200
Ω at VCC
= 5V.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the
counter in the direction indicated by the logic level on the
U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The
current counter value is stored in nonvolatile memory when
CS is returned HIGH while the INC input is also HIGH. After
the store operation is complete the X9315 will be placed in
the low power standby mode until the device is selected
once again.
Pin Configuration
Principles of Operation
There are three sections of the X9315: the input control,
counter and decode section; the nonvolatile memory; and
the resistor array. The input control section operates just like
an up/down counter. The output of this counter is decoded to
turn on a single electronic switch connecting a point on the
resistor array to the wiper output. Under the proper
conditions the contents of the counter can be stored in
nonvolatile memory and retained for future use. The resistor
array is comprised of 31 individual resistors connected in
series. At either end of the array and between each resistor
is an electronic switch that transfers the connection at that
point to the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions. If
the wiper is moved several positions, multiple taps are
connected to the wiper for tIW (INC to VW change). The
RTOTAL value for the device can temporarily be reduced by
a significant amount if the wiper is moved several positions.
When the device is powered-down, the last wiper position
stored will be maintained in the nonvolatile memory. When
power is restored, the contents of the memory are recalled
and the wiper is set to the value last stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of the
wiper along the resistor array. With CS set LOW the device
is selected and enabled to respond to the U/D and INC
inputs. HIGH to LOW transitions on INC will increment or
decrement (depending on the state of the U/D input) a five
bit counter. The output of this counter is decoded to select
one of thirty two wiper positions along the resistive array.
The value of the counter is stored in nonvolatile memory
whenever CS transitions HIGH while the INC input is also
HIGH.
The system may select the X9315, move the wiper and
deselect the device without having to store the latest wiper
position in nonvolatile memory. After the wiper movement is
performed as described above and once the new position is
reached, the system must keep INC LOW while taking CS
HIGH. The new wiper position will be maintained until
Pin Names
SYMBOL
DESCRIPTION
RH/VH
High terminal
RW/VW
Wiper terminal
RL/VL
Low terminal
VSS
Ground
VCC
Supply voltage
U/D
Up/Down control input
VCC
CS
INC
U/D
RH/VH
VSS
1
2
3
4
8
7
6
5
X9315
DIP/SOIC/MSOP
RL/VL
RW/VW
INC
Increment control input
CS
Chip Select control input
Pin Names
SYMBOL
DESCRIPTION
X9315


Similar Part No. - X9315WSI-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9315WSI-2.7 XICOR-X9315WSI-2.7 Datasheet
73Kb / 13P
   E 2 POT TM Nonvolatile Digital Potentiometer
logo
Renesas Technology Corp
X9315WSI-2.7T1 RENESAS-X9315WSI-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WSI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
logo
Renesas Technology Corp
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com