Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40030S14-C Datasheet(PDF) 6 Page - Intersil Corporation

Part # X40030S14-C
Description  Triple Voltage Monitor with Intergrated CPU Supervisor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40030S14-C Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X40030S14-C Datasheet HTML 2Page - Intersil Corporation X40030S14-C Datasheet HTML 3Page - Intersil Corporation X40030S14-C Datasheet HTML 4Page - Intersil Corporation X40030S14-C Datasheet HTML 5Page - Intersil Corporation X40030S14-C Datasheet HTML 6Page - Intersil Corporation X40030S14-C Datasheet HTML 7Page - Intersil Corporation X40030S14-C Datasheet HTML 8Page - Intersil Corporation X40030S14-C Datasheet HTML 9Page - Intersil Corporation X40030S14-C Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8114.0
April 28, 2005
CONTROL REGISTER
The Control Register provides the user a mechanism
for changing the Block Lock and Watchdog Timer set-
tings. The Block Lock and Watchdog Timer bits are
nonvolatile and do not change when power is
removed.
The Control Register is accessed with a special pream-
ble in the slave byte (1011) and is located at address
1FFh. It can only be modified by performing a byte write
operation directly to the address of the register and only
one data byte is allowed for each register write opera-
tion. Prior to writing to the Control Register, the WEL
and RWEL bits must be set using a two step process,
with the whole sequence requiring 3 steps. See "Writing
to the Control Registers" on page 7.
The user must issue a stop, after sending this byte to
the register, to initiate the nonvolatile cycle that stores
WD1, WD0, PUP1, PUP0 and BP. The X40030,
X40031, X40034, X40035 will not acknowledge any
data bytes written after the first byte is entered.
The state of the Control Register can be read at any
time by performing a random read at address 1FFh,
using the special preamble. Only one byte is read by
each register read operation. The master should
supply a stop condition to be consistent with the bus
protocol.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
Figure 5. Sample VTRIP Reset Circuit
7
6
543
21
0
PUP1 WD1 WD0
BP
0
RWEL WEL PUP0
1
6
2
7
14
13
9
8
X40030
VTRIP1
Adj.
VP
SDA
SCL
µC
Adjust
Run
V2FAIL
VTRIP2
Adj.
RESET
X40030, X40031, X40034, X40035


Similar Part No. - X40030S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40030S14-C INTERSIL-X40030S14-C Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030S14-C INTERSIL-X40030S14-C Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030S14-C RENESAS-X40030S14-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40030S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com