Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40021V14I-A Datasheet(PDF) 6 Page - Intersil Corporation

Part # X40021V14I-A
Description  Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40021V14I-A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X40021V14I-A Datasheet HTML 2Page - Intersil Corporation X40021V14I-A Datasheet HTML 3Page - Intersil Corporation X40021V14I-A Datasheet HTML 4Page - Intersil Corporation X40021V14I-A Datasheet HTML 5Page - Intersil Corporation X40021V14I-A Datasheet HTML 6Page - Intersil Corporation X40021V14I-A Datasheet HTML 7Page - Intersil Corporation X40021V14I-A Datasheet HTML 8Page - Intersil Corporation X40021V14I-A Datasheet HTML 9Page - Intersil Corporation X40021V14I-A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FN8112.0
March 28, 2005
Resetting the VTRIPx Voltage
To reset a VTRIPx voltage, apply the programming volt-
age (Vp) to the WDO pin before a START condition is
set up on SDA. Next, issue on the SDA pin the Slave
Address A0h followed by the Byte Address 03h for
VTRIP1 and 0Bh for VTRIP2, followed by 00h for the Data
Byte in order to reset VTRIPx. The STOP bit following a
valid
write
operation
initiates
the
programming
sequence. Pin WDO must then be brought LOW to
complete the operation.
After being reset, the value of VTRIPx becomes a nominal
value of 1.7V or lesser.
Note: This operation does not corrupt the registers.
System Battery Switch
As long as VCC exceeds the low voltage detect thresh-
old VTRIP, VOUT is connected to VCC through a 5Ω (typi-
cal) switch. When the VCC has fallen below V1TRIP,
then VCC is applied to VOUT if VCC is or equal to or
greater than VBATT - 0.03V. When VCC drops to less
than VBATT - 0.03V, then VOUT is connected to VBATT
through an 80
Ω (typical) switch. V
OUT typically supplies
the system static RAM voltage, so the switchover circuit
operates to protect the contents of the static RAM dur-
ing a power failure. Typically, when VCC has failed, the
SRAMs go into a lower power state and draw much less
current than in their active mode. When VCC returns,
VOUT switches back to VCC when VCC exceeds VBATT +
0.03V. There is a 60mV hysteresis around this battery
switch threshold to prevent oscillations between sup-
plies.
While VCC is connected to VOUT the BATT-ON pin is
pulled LOW. The signal can drive an external PNP tran-
sistor to provide additional current to the external circuits
during normal operation.
Operation
The device is in normal operation with VCC as long as
VCC > VTRIP1. It switches to the battery backup mode
when VCC goes away.
Control Register
The Control Register provides the user a mechanism for
changing the Block Lock and Watchdog Timer settings.
The Block Lock and Watchdog Timer bits are nonvolatile
and do not change when power is removed.
The Control Register is accessed with a special pream-
ble in the slave byte (1011) and is located at address
1FFh. It can only be modified by performing a byte write
operation directly to the address of the register and only
one data byte is allowed for each register write operation.
Prior to writing to the Control Register, the WEL and
RWEL bits must be set using a two step process, with
the whole sequence requiring 3 steps. See "Writing to
the Control Registers" on page 8.
The user must issue a stop, after sending this byte to the
register, to initiate the nonvolatile cycle that stores WD1,
WD0, PUP1, and PUP0. The X40020 will not acknowl-
edge any data bytes written after the first byte is entered.
The state of the Control Register can be read at any time
by performing a random read at address 01Fh, using the
special preamble. Only one byte is read by each register
read operation. The master should supply a stop condi-
tion to be consistent with the bus protocol, but a stop is
not required to end this operation.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
Figure 5. Sample VTRIP Reset Circuit
Condition
Mode of Operation
VCC > VTRIP1
Normal Operation
VCC > VTRIP1 &
VBATT = 0
Normal Operation without battery
backup capability
0
≤ V
CC ≤ VTRIP1
and VCC < VBATT
Battery Backup mode; RESET
signal is asserted. No communica-
tion to the device is allowed.
7
6
543
21
0
PUP1 WD1
WD0
0
0
RWEL WEL PUP0
1
6
2
7
14
13
9
8
X40020
VTRIP1
Adj.
VP
RESET
4.7K
SDA
SCL
µC
Adjust
Run
V2FAIL
VTRIP2
Adj.
X40020, 40021


Similar Part No. - X40021V14I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40021 INTERSIL-X40021 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results

Similar Description - X40021V14I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com