Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40430S14-A Datasheet(PDF) 1 Page - Intersil Corporation

Part # X40430S14-A
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40430S14-A Datasheet(HTML) 1 Page - Intersil Corporation

  X40430S14-A Datasheet HTML 1Page - Intersil Corporation X40430S14-A Datasheet HTML 2Page - Intersil Corporation X40430S14-A Datasheet HTML 3Page - Intersil Corporation X40430S14-A Datasheet HTML 4Page - Intersil Corporation X40430S14-A Datasheet HTML 5Page - Intersil Corporation X40430S14-A Datasheet HTML 6Page - Intersil Corporation X40430S14-A Datasheet HTML 7Page - Intersil Corporation X40430S14-A Datasheet HTML 8Page - Intersil Corporation X40430S14-A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN8251.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X40430, X40431, X40434, X40435
4Kbit EEPROM
Triple Voltage Monitor with Integrated
CPU Supervisor
FEATURES
• Monitoring voltages: 5V to 9V
• Independent core voltage monitor
• Triple voltage detection and reset assertion
—Standard reset threshold settings. See selec-
tion table on page 2.
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor three separate voltages
• Fault detection register
• Selectable power-on reset timeout
(0.05s, 0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval
(25ms, 200ms, 1.4s or off)
• Debounced manual reset input
• Low power CMOS
—25µA typical standby current, watchdog on
—6µA typical standby current, watchdog off
• Memory security
• 4Kbits of EEPROM
—16 byte page write mode
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block lock protect 0, or 1/2, of EEPROM
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—14-lead SOIC, TSSOP
APPLICATIONS
• Communication Equipment
—Routers, Hubs, Switches
—Disk Arrays, Network Storage
• Industrial Systems
—Process Control
—Intelligent Instrumentation
• Computer Systems
—Computers
—Network Servers
DESCRIPTION
The X40430, X40431, X40434, X40435 combines
power-on reset control, watchdog timer, supply voltage
supervision, second and third voltage supervision,
manual reset, and Block Lockprotect serial EEPROM
in one package. This combination lowers system cost,
reduces board space requirements, and increases
reliability.
Applying voltage to VCC activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and system oscilla-
tor to stabilize before the processor can execute code.
Low VCC detection circuitry protects the user’s system
from low voltage conditions, resetting the system
when VCC falls below the minimum VTRIP1 point.
RESET/RESET is active until VCC returns to proper
operating level and stabilizes. A second and third volt-
age monitor circuit tracks the unregulated supply to
provide a power fail warning or monitors different
power supply voltage. Three common low voltage
combinations are available. However, Intersil’s unique
circuits allows the threshold for either voltage monitor
to be reprogrammed to meet specific system level
requirements or to fine-tune the threshold for applica-
tions requiring higher precision.
A manual reset input provides debounce circuitry for
minimum reset component count.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time out interval, the device activates the WDO signal.
The user selects the interval from three preset values.
Once selected, the interval does not change, even
after cycling the power.
The memory portion of the device is a CMOS Serial
EEPROM array with Intersil’s Block Lock protection.
The array is internally organized as x 8. The device
features a 2-wire interface and software protocol
allowing operation on an I2C bus.
The device utilizes Intersil’s proprietary Direct Write
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
Data Sheet
July 29, 2005


Similar Part No. - X40430S14-A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40430S14-A XICOR-X40430S14-A Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430S14-A INTERSIL-X40430S14-A Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40430S14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com