Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X45620 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X45620
Description  Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X45620 Datasheet(HTML) 4 Page - Intersil Corporation

  X45620 Datasheet HTML 1Page - Intersil Corporation X45620 Datasheet HTML 2Page - Intersil Corporation X45620 Datasheet HTML 3Page - Intersil Corporation X45620 Datasheet HTML 4Page - Intersil Corporation X45620 Datasheet HTML 5Page - Intersil Corporation X45620 Datasheet HTML 6Page - Intersil Corporation X45620 Datasheet HTML 7Page - Intersil Corporation X45620 Datasheet HTML 8Page - Intersil Corporation X45620 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8250.0
July 29, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ................... -65°C to +135°C
Storage temperature ........................ -65°C to +150°C
Voltage on any pin with
respect to VSS ...................................... -1.0V to +6V
D.C. output current
(all output pins except VOUT)............................. 5mA
D.C. output current VOUT.................................... 50mA
Lead temperature (soldering, 10 seconds) ........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min
Max
Commercial
0°C
70°C
Industrial
-40°C
+85°C
Device Option
Supply Voltage
-2.7
2.7V-5.5V
Blank
4.75V-5.5V
D.C. OPERATING CHARACTERISTICS
(Over recommended operating conditions unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ (6)
Max
ICC1
VCC Supply Current (Active)
(Excludes IOUT) Read Memory array
(Excludes IOUT) Write nonvolatile
Memory
1.5
3.0
mA
SCL = 400kHz
VOUT, RESET,
LOWLINE = Open
Note 1
ICC2
VCC Supply Current (Passive)
(Excludes IOUT)
50
µA
SDA = VCC, Any Input =
VSS or VCC: VOUT,
RESET, LOWLINE =
Open, Note 2
ICC3
VCC Current (Battery Backup Mode)
(Excludes IOUT)
1µA
VBATT = 2.8V, VOUT, RE-
SET = Open, Note 4, 1
IBATT1
VBATT Current (Excludes IOUT)1
µA
VOUT = VCC, Note 4
IBATT2
VBATT Current (Excludes IOUT)
(Battery Backup Mode)
50
µA
VOUT = VBATT,
VBATT =2.8V
VOUT, RESET = Open,
Note 4
VOUT1
Output Voltage (VCC > VBATT + 0.03V or
VCC > VTRIP1
VCC – 0.05
VCC – 0.5
VCC – 0.02
VCC – 0.2
V
V
IOUT = -5mA
IOUT = -50mA
VOUT2
Output Voltage (VCC < VBATT + 0.03V
and VCC < VTRIP1) {Battery Backup}
VBATT – 0.2
V
IOUT = -250µA
VOLB
Output (BATT-ON) LOW Voltage
0.4
V
IOL = 3.0mA (5V)
IOL = 1.0mA (3V)
VBSH
Battery Switch Hysteresis
(VCC < VTRIP1)
30
-30
mV
mV
Power-up
Power-down, Note 4
VTRIP1
VCC Reset Trip Point Voltage
4.5
2.55
4.62
2.62
4.75
2.7
V
X45620
X45620-2.7
VTRIP2
V2MON Reset Trip Point Voltage
2.55
1.7
2.62
1.75
2.7
1.8
V
X45620
X45620-2.7
X45620


Similar Part No. - X45620

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20 RENESAS-X45620V20 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20-2.7 RENESAS-X45620V20-2.7 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20I RENESAS-X45620V20I Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20I-2.7 RENESAS-X45620V20I-2.7 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results

Similar Description - X45620

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X55060 RENESAS-X55060 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com