Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40031S14I-C Datasheet(PDF) 3 Page - Intersil Corporation

Part # X40031S14I-C
Description  Triple Voltage Monitor with Intergrated CPU Supervisor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40031S14I-C Datasheet(HTML) 3 Page - Intersil Corporation

  X40031S14I-C Datasheet HTML 1Page - Intersil Corporation X40031S14I-C Datasheet HTML 2Page - Intersil Corporation X40031S14I-C Datasheet HTML 3Page - Intersil Corporation X40031S14I-C Datasheet HTML 4Page - Intersil Corporation X40031S14I-C Datasheet HTML 5Page - Intersil Corporation X40031S14I-C Datasheet HTML 6Page - Intersil Corporation X40031S14I-C Datasheet HTML 7Page - Intersil Corporation X40031S14I-C Datasheet HTML 8Page - Intersil Corporation X40031S14I-C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN8114.0
April 28, 2005
PRINCIPLES OF OPERATION
Power On Reset
Applying power to the X40030, X40031, X40034,
X40035 activates a Power On Reset Circuit that pulls
the RESET/RESET pins active. This signal provides
several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power up.
When VCC exceeds the device VTRIP1 threshold value
for tPURST (selectable) the circuit releases the RESET
(X40031, X40035) and RESET (X40030, X40034) pin
allowing the system to begin operation.
Figure 1. Connecting a Manual Reset Push-Button
Manual Reset
By connecting a push-button directly from MR to
ground, the designer adds manual system reset capa-
bility. The MR pin is LOW while the push-button is
closed and RESET/RESET pin remains HIGH/LOW
until the push-button is released and for tPURST there-
after.
Low Voltage VCC (V1 Monitoring)
During operation, the X40030, X40031, X40034,
X40035
monitors
the
VCC level and asserts
RESET/RESET if supply voltage falls below a preset
minimum VTRIP1. The RESET signal prevents the
microprocessor from operating in a power fail or
brownout
condition.
The
RESET/RESET
signal
remains active until the voltage drops below 1V. It also
remains active until VCC returns and exceeds VTRIP1
for tPURST.
Low Voltage V2 Monitoring
The X40030 also monitors a second voltage level and
asserts V2FAIL if the voltage falls below a preset mini-
mum VTRIP2. The V2FAIL signal is either ORed with
RESET to prevent the microprocessor from operating
in a power fail or brownout condition or used to inter-
rupt the microprocessor with notification of an impend-
ing power failure.
For the X40030 and X40031 the V2FAIL signal
remains active until the V2MON drops below 1V
(V2MON falling). It also remains active until V2MON
7VSS
Ground
8SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an
open drain output and may be wire ORed with other open drain or open collector outputs. This pin
requires a pull up resistor and the input buffer is always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is toggled from HIGH to LOW
and followed by a stop condition) restarts the Watchdog timer. The absence of this transition within
the watchdog time out period results in WDO going active.
9SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
10
WP
Write Protect. WP HIGH prevents writes to any location in the device (includung all the registers).
It has an internal pull down resistor. (>10M
Ω typical)
11
V3MON
V3 Voltage Monitor Input. When the V3MON input is less than the VTRIP3 voltage, V3FAIL goes
LOW. This input can monitor an unregulated power supply with an external resistor divider or can
monitor a third power supply with no external components. Connect V3MON to VSS or VCC when
not used. The V3MON comparator is supplied by the V3MON input.
12
V3FAIL
V3 Voltage Fail Output. This open drain output goes LOW when V3MON is less than VTRIP3 and
goes HIGH when V3MON exceeds VTRIP3. There is no power up reset delay circuitry on this pin.
13
WDO
WDO Output. WDO is an active LOW, open drain output which goes active whenever the watch-
dog timer goes active.
14
VCC
Supply Voltage.
PIN DESCRIPTION (Continued)
Pin
Name
Function
VCC
MR
System
Reset
Manual
Reset
X40030/34
RESET
X40030, X40031, X40034, X40035


Similar Part No. - X40031S14I-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40031S14I-C INTERSIL-X40031S14I-C Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40031S14I-C RENESAS-X40031S14I-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40031S14I-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com