Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315TS-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9315TS-2.7
Description  Low Noise, Low Power, 32 Taps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315TS-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9315TS-2.7 Datasheet HTML 2Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 3Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 4Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 5Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 6Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 7Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 8Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 9Page - Intersil Corporation X9315TS-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN8179.1
September 15, 2005
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (Vw(n)(actual) - Vw(n)(expected)) = ±1 Ml
Maximum.
(2) Relative linearity is a measure of the error in step size between taps = RW(n+1) - [Rw(n) + Ml] = ±0.2 Ml.
(3) 1 Ml = Minimum Increment = RTOT/31.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65
°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, VH, VL and
VCC with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
∆V = |VH–VL| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Lead temperature (soldering 10 seconds) . . . . . . . . . . . . . . . . 300°C
IW (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7.5mA
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Temperature (Industrial). . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VCC) (Note 4) Limits
X9315. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
X9315-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Potentiometer Characteristics (Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
LIMITS
MIN
TYP
MAX.
UNIT
End to end resistance tolerance
±20
%
VVH
VH terminal voltage
0
VCC
V
VVL
VL terminal voltage
0
VCC
V
Power rating
RTOTAL ≥ 10kΩ
10
mW
RW
Wiper resistance
IW = 1mA, VCC = 5V
200
400
RW
Wiper resistance
IW = 1mA, VCC = 2.7V
400
1000
IW
Wiper current
±3.75
mA
Noise
Ref: 1kHz
-120
dBV
Resolution
3%
Absolute linearity(1)
Vw(n)(actual) - Vw(n)(expected)
±1
MI(3)
Relative linearity(2)
Vw(n + 1) - [Vw(n) + MI]±0.2
MI(3)
RTOTAL temperature coefficient
±300
ppm/°C
Ratiometric temperature coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer capacitances
See circuit #3
10/10/25
pF
DC Electrical Specifications
(Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP(4)
MAX
ICC1
VCC active current (Increment)
CS = VIL, U/D = VIL or VIH and INC = 0.4V
@ max. tCYC
50
µA
ICC2
VCC active current (Store) (EEPROM
Store)
CS = VIH, U/D = VIL or VIH and INC = VIH
@ max. tWR
400
µA
ISB
Standby supply current
CS = VCC - 0.3V, U/D and INC = VSS or
VCC - 0.3V
1µA
ILI
CS, INC, U/D input leakage current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
VCC x 0.1
V
CIN(5)
CS, INC, U/D input capacitance
VCC = 5V, VIN = VSS, TA = 25°C, f = 1MHz
10
pF
X9315


Similar Part No. - X9315TS-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315TSIZ INTERSIL-X9315TSIZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
logo
Renesas Technology Corp
X9315TSIZ RENESAS-X9315TSIZ Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315TSIZ-2.7 RENESAS-X9315TSIZ-2.7 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315TSIZ-2.7T1 RENESAS-X9315TSIZ-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315TSIZT1 INTERSIL-X9315TSIZT1 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results

Similar Description - X9315TS-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
logo
Renesas Technology Corp
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com