Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40421S14-B Datasheet(PDF) 5 Page - Intersil Corporation

Part # X40421S14-B
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40421S14-B Datasheet(HTML) 5 Page - Intersil Corporation

  X40421S14-B Datasheet HTML 1Page - Intersil Corporation X40421S14-B Datasheet HTML 2Page - Intersil Corporation X40421S14-B Datasheet HTML 3Page - Intersil Corporation X40421S14-B Datasheet HTML 4Page - Intersil Corporation X40421S14-B Datasheet HTML 5Page - Intersil Corporation X40421S14-B Datasheet HTML 6Page - Intersil Corporation X40421S14-B Datasheet HTML 7Page - Intersil Corporation X40421S14-B Datasheet HTML 8Page - Intersil Corporation X40421S14-B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
March 28, 2005
Figure 3. VTRIPX Set/Reset Conditions
Figure 4. Watchdog Restart
V1 AND V2 THRESHOLD PROGRAM PROCEDURE
(OPTIONAL)
The X40420/21 is shipped with standard V1 and V2
threshold (VTRIP1, VTRIP2) voltages. These values will not
change over normal operating and storage conditions.
However, in applications where the standard thresholds
are not exactly right, or if higher precision is needed in
the threshold value, the X40420 trip points may be
adjusted. The procedure is described below, and uses
the application of a high voltage control signal.
Setting a VTRIPx Voltage (x = 1, 2)
There are two procedures used to set the threshold volt-
ages (VTRIPx), depending if the threshold voltage to be
stored is higher or lower than the present value. For
example, if the present VTRIPx is 2.9 V and the new
VTRIPx is 3.2 V, the new voltage can be stored directly
into the VTRIPx cell. If however, the new setting is to be
lower than the present setting, then it is necessary to
“reset” the VTRIPx voltage before setting the new value.
Setting a Higher VTRIPx Voltage (x = 1, 2)
To set a VTRIPx threshold to a new voltage which is
higher than the present threshold, the user must apply
the
desired
VTRIPx
threshold
voltage
to
the
corresponding input pin (Vcc(V1MON) or V2MON).
Then, a program-ming voltage (Vp) must be applied to
the WDO pin before a START condition is set up on
SDA. Next, issue on the SDA pin the Slave Address A0h,
followed by the Byte Address 01h for VTRIP1, and 09h for
VTRIP2, and a 00h Data Byte in order to program VTRIPx.
The STOP bit following a valid write operation initiates
the programming sequence. Pin WDO must then be
brought LOW to complete the operation.
To check if the VTRIPX has been set, set VXMON to a
value slightly greater than VTRIPX (that was previously
set). Slowly ramp down VXMON and observe when the
corresponding outputs (LOWLINE and V2FAIL) switch.
The voltage at which this occurs is the VTRIPX (actual).
CASE A
Now if the desired VTRIPX is greater than the VTRIPX
(actual), then add the difference between VTRIPX
(desired) - VTRIPX (actual) to the original VTRIPX desired.
This is your new VTRIPX that should be applied to
VXMON and the whole sequence should be repeated
again (see Figure 5).
CASE B
Now if the VTRIPX (actual), is higher than the VTRIPX
(desired), perform the reset sequence as described in
the next section. The new VTRIPX voltage to be applied
to VXMON will now be: VTRIPX (desired) - (VTRIPX
(actual) - VTRIPX (desired)).
Note: 1. This operation does not corrupt the memory
array.
2. Set VCC = 5V, when VTRIP2 is being pro-
grammed
Setting a Lower VTRIPx Voltage (x = 1, 2)
In order to set VTRIPx to a lower voltage than the
present value, then VTRIPx must first be “reset” accord-
ing to the procedure described below. Once VTRIPx
has been “reset”, then VTRIPx can be set to the desired
voltage using the procedure described in “Setting a
Higher VTRIPx Voltage”.
VCC/V2MON
VTRIPX
VP
tWC
A0h
0
7
70
7
0
SCL
WDO
SDA
(X = 1, 2)
00h
SCL
SDA
.6µs
1.3µs
WDT Reset
Start
Stop
X40420, X40421


Similar Part No. - X40421S14-B

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40421S14-B XICOR-X40421S14-B Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40421S14-B RENESAS-X40421S14-B Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
More results

Similar Description - X40421S14-B

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com