Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317ZS8-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9317ZS8-2.7
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317ZS8-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9317ZS8-2.7 Datasheet HTML 2Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 3Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 4Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 5Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 6Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 7Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 8Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 9Page - Intersil Corporation X9317ZS8-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN8183.1
September 9, 2005
Absolute Maximum Ratings
Junction Temperature Under Bias . . . . . . . . . . . . . .-65
°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D and VCC
with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
RH, RW, RL to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+6V
Lead Temperature (soldering 10s). . . . . . . . . . . . . . . . . . . . . . 300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±8.8mA
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation
of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Potentiometer Specifications VCC = Full Range, TA = Full Operating Temperature Range unless otherwise stated
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
(Note 4)
MAX
UNIT
RTOTAL
End to end resistance tolerance
See ordering information for values
-20
+20
%
VRH/RL
RH/RL terminal voltage
VSS = 0V
VSS
VCC
V
Power rating
RTOTAL ≥ 10kΩ
10
mW
RTOTAL = 1kΩ
25
mW
RW
Wiper resistance
IW = 1mA, VCC = 5V
200
400
IW = 1mA, VCC = 2.7V
400
1000
IW
Wiper current (Note 5)
See test circuit
-4.4
+4.4
mA
Noise (Note 7)
Ref: 1kHz
-120
dBV
Resolution
1%
Absolute linearity (Note 1)
V(RH) = VCC,
V(RL) = 0V
-1
+1
MI
(Note 3)
Relative linearity (Note 2)
-0.2
+0.2
MI
(Note 3)
RTOTAL temperature coefficient (Note 5)
±300
ppm/°C
Ratiometric temperature coefficient
(Notes 5, 6)
-20
+20
ppm/°C
CH/CL/CW
(Note 5)
Potentiometer capacitances
See equivalent circuit
10/10/25
pF
VCC
Supply Voltage
X9317
4.5
5.5
V
X9317-2.7
2.7
5.5
V
DC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNIT
ICC1
VCC active current (Increment)
CS = VIL, U/D = VIL or VIH and INC =
VIL/VIH @ min. tCYC
RL, RH, RW not connected
50
µA
ICC2
VCC active current (Store)
(non-volatile write)
CS = VIH, U/D = VIL or VIH and INC = VIL
or VIH. RL, RH, RW not connected
400
µA
ISB
Standby supply current
CS
≥ VIH, U/D and INC =VIL
RL, RH, RW not connected
1µA
ILI
CS, INC, U/D input leakage current
VIN = VSS to VCC
-10
+10
µA
VIH
CS, INC, U/D input HIGH voltage
VCC x
0.7
VCC +
0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
VCC x
0.1
V
X9317


Similar Part No. - X9317ZS8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317ZS8 INTERSIL-X9317ZS8 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
X9317ZS8I INTERSIL-X9317ZS8I Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
X9317ZS8IZ INTERSIL-X9317ZS8IZ Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
X9317ZS8IZ INTERSIL-X9317ZS8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317ZS8IZ-2.7 INTERSIL-X9317ZS8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317ZS8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com