Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80001 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X80001
Description  Smart Power Plug Penta-Power Sequence Controller with Hot Swap
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80001 Datasheet(HTML) 5 Page - Intersil Corporation

  X80001 Datasheet HTML 1Page - Intersil Corporation X80001 Datasheet HTML 2Page - Intersil Corporation X80001 Datasheet HTML 3Page - Intersil Corporation X80001 Datasheet HTML 4Page - Intersil Corporation X80001 Datasheet HTML 5Page - Intersil Corporation X80001 Datasheet HTML 6Page - Intersil Corporation X80001 Datasheet HTML 7Page - Intersil Corporation X80001 Datasheet HTML 8Page - Intersil Corporation X80001 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
FN8148.0
March 18, 2005
Equivalent A.C. Output Load Circuit
tMRHD
Delay from MRH disable to GATE reaching 1V
IGATE = 60µA, No Load
1.8
2.6
µs
tRESET_E Delay from PWRGD or ViGOOD to RESET valid
LOW
1
µs
tQC
Delay from IGQ1 and IGQ0 to valid Gate pin
current
1
µs
tSC_RETRY Delay between retries
TSC1 = 0; TSC0 = 0
90
100
110
ms
tNF
Noise Filter for Overcurrent
TF1 = 0; TF0 = 1
4.5
5
5.5
µs
tDPOR
Device Delay before Gate assertion
45
50
55
ms
tSPOR
Delay after PWRGD and all ViGOOD signals are
active before RESET assertion
TPOR1 = 0; TPOR0 = 0
90
100
110
ms
tTO
ViGOOD turn off time
50
ns
tPDHLPG
(Note 1)
Delay from Drain good to PWRGD LOW
Gate = VDD
1
µs
tPDLHPG
(Note 1)
Delay from Drain fail to PWRGD HIGH
Gate = VDD
1
µs
tPGHLPG
(Note 1)
Delay from Gate good to PWRGD LOW
Drain = VEE
1
µs
tPGLHPG
(Note 1)
Delay from Gate fail to PWRGD HIGH
Drain = VEE
1
µs
NOTE:
1. This parameter is based on characterization data.
Electrical Specifications
Standard Settings
Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
A.C. Test Conditions
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
Output load
Standard output load
5V
SDA
30pF
4.6k
RESET
30pF
V1GOOD,
5V
4.6k
30pF
V2GOOD,
V3GOOD,
V4GOOD,
FAR
5V
4.6k
PWRGD
X80000, X80001


Similar Part No. - X80001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80001 RENESAS-X80001 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
More results

Similar Description - X80001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80000 RENESAS-X80000 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
X80010 RENESAS-X80010 Datasheet
1Mb / 25P
   Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
logo
Intersil Corporation
X80010 INTERSIL-X80010 Datasheet
548Kb / 25P
   Penta-Power Sequence Controller with Hot swap and System Management
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Linear Technology
LTC4212 LINER-LTC4212 Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A Datasheet
252Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com