Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9E2G08B0M-Y Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K9E2G08B0M-Y
Description  256M x 8 Bits NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9E2G08B0M-Y Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K9E2G08B0M-Y Datasheet HTML 2Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 3Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 4Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 5Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 6Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 7Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 8Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 9Page - Samsung semiconductor K9E2G08B0M-Y Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
FLASH MEMORY
6
K9E2G08B0M
Advanced
512Bytes
16 Bytes
Figure 1. K9E2G08B0M FUNCTIONAL BLOCK DIAGRAM
Figure 2. K9E2G08B0M ARRAY ORGANIZATION
VCC
X-Buffers
2G + 64M Bits
Command
NAND Flash
ARRAY
(512 + 16)Bytes x 524,288
Y-Gating
Page Register & S/A
I/O Buffers & Latches
Y-Buffers
Control Logic
Global Buffers
Output
Driver
VSS
A9 - A27
A0 - A7
Command
CE
RE
WE
WP
I/0 0
I/0 7
VCC/VCCQ
VSS
A8
1st half Page Register
(=256 Bytes)
2nd half Page Register
(=256 Bytes)
256K Pages
(=8,192 Blocks)
512 Bytes
8 bits
16 Bytes
1 Block = 32 Pages
= (16K + 512) Bytes
I/O 0 ~ I/O 7
1 Page = 528 Bytes
1 Block = 528 Bytes x 32 Pages
= (16K + 512) Bytes
1 Device = 528Bytes x 32Pages x 16,384 Blocks
= 2,112 Mbits
Column Address
Row Address
(Page Address)
Page Register
CLE ALE
NOTE : Column Address : Starting Address of the Register.
00h Command(Read) : Defines the starting address of the 1st half of the register.
01h Command(Read) : Defines the starting address of the 2nd half of the register.
* A8 is set to "Low" or "High" by the 00h or 01h Command.
* L must be set to "Low".
* The device ignores any additional input of address cycles than reguired.
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A9
A10
A11
A12
A13
A14
A15
A16
3rd Cycle
A17
A18
A19
A20
A21
A22
A23
A24
4th Cycle
A25
A26
A27
*L
*L
*L
*L
*L
Register
& High Voltage
Generator
Latches
& Decoders
Latches
& Decoders


Similar Part No. - K9E2G08B0M-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-F SAMSUNG-K9E2G08U0M-F Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-P SAMSUNG-K9E2G08U0M-P Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-V SAMSUNG-K9E2G08U0M-V Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-Y SAMSUNG-K9E2G08U0M-Y Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
More results

Similar Description - K9E2G08B0M-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9F1208X0C SAMSUNG-K9F1208X0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
logo
Samsung semiconductor
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com