Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80012 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X80012
Description  Penta-Power Sequence Controller with Hot swap and System Management
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80012 Datasheet(HTML) 3 Page - Intersil Corporation

  X80012 Datasheet HTML 1Page - Intersil Corporation X80012 Datasheet HTML 2Page - Intersil Corporation X80012 Datasheet HTML 3Page - Intersil Corporation X80012 Datasheet HTML 4Page - Intersil Corporation X80012 Datasheet HTML 5Page - Intersil Corporation X80012 Datasheet HTML 6Page - Intersil Corporation X80012 Datasheet HTML 7Page - Intersil Corporation X80012 Datasheet HTML 8Page - Intersil Corporation X80012 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
FN8149.0
January 13, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . –65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Voltage on given pin (Hot Side Functions):
Vov/uv pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V + VEE
SENSE pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .400mV + VEE
VEE pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -80V
DRAIN pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48V + VEE
PWRGD pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V + VEE
GATE pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDD + VEE
FAR pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V + VEE
MRH pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V + VEE
BATT_ON pin. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V + VEE
Voltage on given pin (Cold Side Functions):
ENi pins (i = 1 to 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
ViGOOD pins (i = 1 to 4) . . . . . . . . . . . . . . . . . . . . . . . . .5.5V + VEE
RESET pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V + VEE
MRC pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V + VEE
IGQ1 and IGQ0 pins . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V + VEE
VDD pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V + VEE
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . -40°C to 85°C
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Electrical Specifications
(Standard Settings)
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
VDD
Supply Operating Range
10
12
14
V
IDD
Supply Current
2.5
5
mA
VRGO
Regulated 5V output
IRGO = 10µA
4.5
6.0
IRGO
VRGO current output
50
µA
IGATE
Gate Pin Current
Gate Drive On,
VGATE = VEE,
VSENSE = VEE (sourcing)
46.2
52.5
58.8
µA
VGATE - VEE = 3V
VSENSE-VEE = 0.1V (sinking)
9mA
VGATE
External Gate Drive (Slew Rate Control)
IGATE = 50µA
VDD-1
VDD
V
VPGA
Power Good Threshold
(PWRGD High to Low)
Referenced to VEE
VUV1 < VUV/OV < VOV
0.9
1
1.1
V
VIHB
Voltage Input High (BATT_ON)
VEE + 4
VEE + 5
V
VILB
Voltage Input Low (BATT_ON)
VEE + 2
V
ILI
Input Leakage Current (MRH, MRC)
VIL = GND to VCC
10
µA
ILO
Output Leakage Current
(V1GOOD, V2GOOD, V3GOOD, V4GOOD,
RESET)
All ENi = VRGO for i = 1 to 4
10
µA
VIL(3)
Input LOW Voltage (MRH, MRC, IGQ0, IGQ1)
-0.5 + VEE
(VEE + 5) x
0.3
V
VIH(3)
Input HIGH Voltage (MRH, MRC, IGQ0, IGQ1)
(VEE + 5) x
0.7
(VEE + 5) +
0.5
V
X80010, X80011, X80012, X80013


Similar Part No. - X80012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80012 RENESAS-X80012 Datasheet
1Mb / 25P
   Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
X80012Q32I RENESAS-X80012Q32I Datasheet
1Mb / 25P
   Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
More results

Similar Description - X80012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80010 RENESAS-X80010 Datasheet
1Mb / 25P
   Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
logo
Intersil Corporation
X80000 INTERSIL-X80000 Datasheet
695Kb / 37P
   Smart Power Plug Penta-Power Sequence Controller with Hot Swap
logo
Renesas Technology Corp
X80000 RENESAS-X80000 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com