Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80142Q20I Datasheet(PDF) 3 Page - Intersil Corporation

Part # X80142Q20I
Description  Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80142Q20I Datasheet(HTML) 3 Page - Intersil Corporation

  X80142Q20I Datasheet HTML 1Page - Intersil Corporation X80142Q20I Datasheet HTML 2Page - Intersil Corporation X80142Q20I Datasheet HTML 3Page - Intersil Corporation X80142Q20I Datasheet HTML 4Page - Intersil Corporation X80142Q20I Datasheet HTML 5Page - Intersil Corporation X80142Q20I Datasheet HTML 6Page - Intersil Corporation X80142Q20I Datasheet HTML 7Page - Intersil Corporation X80142Q20I Datasheet HTML 8Page - Intersil Corporation X80142Q20I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN8153.0
January 20, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
ViMON pins (i = 1 to 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
ViGDO pins (i = 1 to 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
RESET pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
SDA, SCL, WP, A0, A1 pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
MR pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
VP pin. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . -40°C to 85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5 to 5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Electrical Specifications (Standard Setting) Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
VCC
Supply Operating Range
4.5
5.5
V
ICC
Supply Current
fSCL = 0kHz
1.0
2.5
mA
VP
(Note 3)
EEPROM programming voltage
9
12
V
IP
Programming Current
10
mA
ILI
Input Leakage Current (MR)
VIL = GND to VCC
10
µA
ILO
Output Leakage Current
(V1GDO, V2GDO, V3GDO, V4GDO, RESET)
15
µA
VIL
Input LOW Voltage (MR)
-0.5
VCC x
0.3
V
VIH
Input HIGH Voltage (MR)
VCC x 0.7
5.5
V
VOL
Output LOW Voltage
(RESET, V1GDO, V2GDO, V3GDO, V4GDO)
IOL = 4.0mA
0.4
V
COUT
(Note 1)
Output Capacitance
(RESET, V1GDO, V2GDO, V3GDO, V4GDO)
VOUT = 0V
8
pF
VREF1
V1MON Trip Point Voltage (Range)
2.20
4.70
V
X80140
4.45
4.50
4.55
V
X80141
4.45
4.50
4.55
V
X80142
2.95
3.00
3.05
V
X80143
2.95
3.00
3.05
V
X80144
2.20
2.25
2.30
V
VREF2
V2MON Trip Point Voltage
2.20
4.70
V
X80140
2.95
3.00
3.05
V
X80141
2.20
2.25
2.30
V
X80142
2.20
2.25
2.30
V
X80143
2.20
2.25
2.30
V
X80144
2.20
2.25
2.30
V
X80140, X80141, X80142, X80143, X80144


Similar Part No. - X80142Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80142Q20I RENESAS-X80142Q20I Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80142Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com