Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80200 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X80200
Description  Power Supply Swquencer with Power-up System Mnitoring
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80200 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X80200 Datasheet HTML 5Page - Intersil Corporation X80200 Datasheet HTML 6Page - Intersil Corporation X80200 Datasheet HTML 7Page - Intersil Corporation X80200 Datasheet HTML 8Page - Intersil Corporation X80200 Datasheet HTML 9Page - Intersil Corporation X80200 Datasheet HTML 10Page - Intersil Corporation X80200 Datasheet HTML 11Page - Intersil Corporation X80200 Datasheet HTML 12Page - Intersil Corporation X80200 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN8154.0
Power Supply Failure Conditions
Should there be a power failure of VDDH, GATE_H,
GATE_M and GATE_L charge pumps are all turned OFF
when VDDH falls below the UVLOH threshold.
Should there be a failure of the VDDM supply, the GATE_M
charge pump turns off when VDDM falls below the UVLOM
threshold. After a tDELAY_DOWN time period, the GATE_L
charge pump turns OFF.
Should there be a failure of the VDDL supply, the GATE_L
and GATE_M charge pumps both turn off when VDDL falls
below the UVLOL threshold.
Remote Monitoring Functions
The X80200 can monitor the status of the GATE_H,
GATE_M, and GATE_L charge pump control signals. This
allows an indirect way to monitor system voltages. The
volatile status bits: Stat_GATEH, Stat_GATEM, and
Stat_GATEL indicate the status of GATE_H, GATE_M and
GATE_L output control signals, respectively. If the bit is a “1”,
then the charge pump is being turned on. If the bit is a “0”,
the output is turned off. Since the bits reflect the internal
control signal and not the state of the output, external
loading that prevents the charge pump from reaching the
desired FET gate drive voltage will not be detected by
reading the register.
These status bits can be read via the 2-wire serial bus. Refer
to Status Register section for more information on how to
read this register.
Several X80200 devices can be used to monitor many
system voltages on different system cards on a backplane.
Each X80200 has 3 slave address pins allowing up to 8
X80200 to be used on the same bus.
X80200 provides the user the ability to remotely turn-off the
gates through software. (See "Remote Shutdown Register
(RSR) (Volatile)" on page 10 for more information.)
SETV
FET “L”
GATE_M
tDELAY_DOWN
GATE_L
(VFB)
DRAIN
REF
REF
FIGURE 5. VOLTAGE BASED SEQUENCING OF GATE_M
AND GATE_L
VDDH
VDDM
VDDL
GATE_H
GATE_M
GATE_L
tDELAY_DOWN
VDDH
VDDM
VDDL
FAILS
FAILS
FAILS
FIGURE 6. GATE CONTROL DURING INDIVIDUAL POWER
FAIL CONDITIONS
X80200, X80201, X80202, X80203, X80204


Similar Part No. - X80200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
X80200V20I RENESAS-X80200V20I Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results

Similar Description - X80200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
logo
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
   System Power Supply with WDT
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
   System Power Supply with MUTE Function
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
logo
Rohm
BA4911 ROHM-BA4911_1 Datasheet
205Kb / 6P
   Biopolat System power Supply
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Rohm
BA4911-V4 ROHM-BA4911-V4 Datasheet
201Kb / 6P
   Bipolar System Power Supply
logo
Keysight Technologies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
   System DC Power Supply
logo
Sanyo Semicon Device
LA5632 SANYO-LA5632 Datasheet
43Kb / 6P
   Multiple Power Supply System Regulator
logo
WAGO Kontakttechnik Gmb...
750-613 WAGO-750-613 Datasheet
374Kb / 12P
   System Power Supply; 24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com