Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1210JF0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CC1210JF0
Description  MULTILAYER CERAMIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC1210JF0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CC1210JF0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC1210JF0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC1210JF0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1210JF0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1210JF0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1210JF0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1210JF0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1210JF0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.yageo.com
Aug. 13, 2003 V.06
Surface Mount Multilayer Ceramic Capacitors
2
8
SERIES
CC
X7R, 16V to 100V
Table 1
CC
× × × × × × X7R × BB × × ×
(1)
(2) (3)
(4)
(5)
(1) SIZE – INCH BASED (METRIC)
0402 (1005)
0603 (1608)
0805 (2012)
1206 (3216)
1210 (3225)
1812 (4532)
(2) TOLERANCE
J = ±5%
K = ±10%
(3) PACKING STYLE
R = 7” paper tape
K = 7” blister tape
P = 13” paper tape
F = 13” blister tape
C = Bulk case
(4) RATED VOLTAGE
7 = 16V
8 = 25V
9 = 50V
0 = 100V
(5) CAPACITANCE VALUE:
First two for significant figures and 3rd
for number of zero
Letter “R” for decimal point
SCOPE
This specification describes Yageo CC X7R series chip capacitors.
ORDERING INFORMATION
Part number is identified by the series, size, tolerance, packing style, temperature coefficient, rated voltage and
capacitance value.
MBB211
T
L 4
L 1
L 2
L 3
W
MLB457
terminations
electrodes
ceramic material
Fig. 1 Surface mounted multilayer
ceramic capacitor construction
For dimension see Table 1
Fig. 2 Surface mounted multilayer ceramic
capacitor dimension
CONSTRUCTION
DIMENSION
TYPE
CC0402 CC0603 CC0805 CC1206 CC1210
CC1812
L1 (mm)
1. 0±0.05
1.6±0.10
2.0±0.10
3.2±0.15
3.2±0.20
4.5±0.20
W (mm)
0.5±0.05
0.8±0.07 1.25±0.10
1.6±0.15
2.5±0.20
3.2±0.20
min.
0.45
0.73
0.50
0.50
0.50
0.50
T (mm)
max.
0.55
0.87
1.35
1.35
1.80
1.80
min.
0.15
0.20
0.25
0.25
0.25
0.25
L2/L3 (mm)
max.
0.30
0.60
0.75
0.75
0.75
0.75
L4 (mm)
min.
0.40
0.40
0.55
1.40
1.40
2.20


Similar Part No. - CC1210JF0

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210JF510NF YAGEO-CC1210JF510NF Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JF5BB YAGEO-CC1210JF5BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JF6BB YAGEO-CC1210JF6BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JF7BB YAGEO-CC1210JF7BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JF7BN YAGEO-CC1210JF7BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210JF0

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com