Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80142 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X80142
Description  Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80142 Datasheet(HTML) 1 Page - Intersil Corporation

  X80142 Datasheet HTML 1Page - Intersil Corporation X80142 Datasheet HTML 2Page - Intersil Corporation X80142 Datasheet HTML 3Page - Intersil Corporation X80142 Datasheet HTML 4Page - Intersil Corporation X80142 Datasheet HTML 5Page - Intersil Corporation X80142 Datasheet HTML 6Page - Intersil Corporation X80142 Datasheet HTML 7Page - Intersil Corporation X80142 Datasheet HTML 8Page - Intersil Corporation X80142 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN8153.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
X80140, X80141, X80142, X80143, X80144
Voltage Supervisor/Sequencer
Quad Programmable Time Delay with
Local/Remote Voltage Monitors
The X80140 is a voltage supervisor/sequencer with four built
in voltage monitors. This allows the designer to monitor up to
four voltages and sequence up to five events.
Low voltage detection circuitry protects the system from
power supply failure or “brown out” conditions, resetting the
system and resequencing the voltages when any of the
monitored inputs fall below the minimum threshold level. The
RESET pin is active until all monitored voltages reach proper
operating levels and stabilize for a selectable period of time.
Five common low voltage combinations are available,
however, Intersil’s unique circuits allow the any voltage
monitor threshold to be reprogrammed for special needs or
for applications requiring higher precision.
A manual reset input provides debounce circuitry for
minimum reset component count. Activating the manual
reset both controls the RESET output and resequences the
supplies through control of the ViGDO pins.
The X80140 has 2kb of EEPROM for system configuration,
manufacturing or maintenance information. This memory is
protected to prevent inadvertent changes to the contents.
Pinout
5X5 QFN
TOP VIEW
Features
• Quad Voltage Monitor and Sequencing
- Four independent voltage monitors
- Four time delay circuits (in circuit programmable)
- Remote delay via SMBus
- Factory programmable voltage thresholds
- Sequence up to 5 power supplies.
• Fault Detection Register
- Remote diagnostics of voltage fail event.
• Debounced Manual Reset Input
• Manufacturing/Configuration Memory
- 2Kbits of EEPROM
- 400kHz SMBus interface
• Available Packages
- 20-lead Quad No-Lead Frame (QFN - 5x5mm)
Applications
• General Purpose Timers
• Long Time Delay Generation
• Cycle Timers / Waveform Generation
• ON/OFF Delay Timers
• Supply Sequencing for Distributed Power
• Programmable Delay Event Sequencing
• Multiple DC-DC ON/OFF Sequencing
• Voltage Window Monitoring with Reset
• ON/OFF Switches with Programmable Delay
• Voltage Supervisor with Programmable Output Delays
• Databus Power Sequencing
• 100 ms to 5 secs Selectable Delay Switches
• ATE or Data Acquisition Timing Applications
• Datapath/Memory Timing Applications
• Data Pipeline Timing Applications
• Batch Timer/Sequencers
• Adjustable Duty Cycle Applications
V1GDO
V3GDO
V2GDO
V4MON
V3MON
V1MON
RESET
WP
V4GDO
SCL
1
2
3
4
5
67
18
19
20
8
17
(5mm x 5mm)
910
11
12
14
15
16
13
Ordering Information
PART
NUMBER
VREF1
VREF2
VREF3
VREF4 PACKAGE
X80140Q20I
4.5
3.0
2.25
0.9
QFN
X80141Q20I
4.5
2.25
0.9
0.9
QFN
X80142Q20I
3.0
2.25
1.7
0.9
QFN
X80143Q20I
3.0
2.25
0.9
0.9
QFN
X80144Q20I
2.25
2.25
0.9
0.9
QFN
Data Sheet
January 20, 2005


Similar Part No. - X80142

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80142 RENESAS-X80142 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80142Q20I RENESAS-X80142Q20I Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80142

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com