Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1206KF0 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CC1206KF0
Description  MULTILAYER CERAMIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC1206KF0 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CC1206KF0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC1206KF0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC1206KF0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1206KF0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1206KF0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1206KF0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1206KF0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1206KF0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.yageo.com
Aug. 13, 2003 V.06
Surface Mount Multilayer Ceramic Capacitors
7
8
SERIES
CC
X7R, 16V to 100V
PACKING METHOD
LLEEA
AD
DEER
R//T
TR
RA
AIILLEER
R T
TA
APPEE SSPPEEC
CIIFFIIC
CA
AT
TIIO
ON
N
MEA529 - 2
empty compartments
with cover tape
cover tape only
120
40 mm
leader
400 mm
trailer (max. 260 mm)
trailer end
leader end
Fig. 6 Leader and trailer tape dimension
METHOD OF MOUNTING
For normal use the capacitors may
be mounted on printed-circuit
boards or ceramic substrates by
applying wave soldering, reflow
soldering (including vapor phase
soldering) or conductive adhesive
in accordance with CECC 00802
classification A.
0
50
100
150
200
250
300
250
200
150
100
50
0
10 s
235 ¡C to 260 ¡C
second wave
5 K/s
2 K/s
first wave
200 K/s
100 ¡C to 130 ¡C
forced
cooling
2 K/s
(¡C)
t (s)
T
MLA861
Fig. 8 Recommended wave soldering profile
Typical values (sold line)
Process limits (dotted lines)
The capacitors may be soldered twice in accordance with this method if desired
0
50
100
150
200
250
300
250
200
150
100
50
0
10 s
260 ¡C
130 ¡C
(¡C)
t (s)
MLA859
245 ¡C
215 ¡C
180 ¡C
10 s
40 s
2 K/s
T
Fig. 7 Recommended reflow soldering profile
Typical values (sold line)
Process limits (dotted lines)


Similar Part No. - CC1206KF0

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206KF510NF YAGEO-CC1206KF510NF Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KF5BB YAGEO-CC1206KF5BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KF6BB YAGEO-CC1206KF6BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KF7BB YAGEO-CC1206KF7BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KF7BN YAGEO-CC1206KF7BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206KF0

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com