Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80204 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X80204
Description  Power Supply Swquencer with Power-up System Mnitoring
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80204 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X80204 Datasheet HTML 4Page - Intersil Corporation X80204 Datasheet HTML 5Page - Intersil Corporation X80204 Datasheet HTML 6Page - Intersil Corporation X80204 Datasheet HTML 7Page - Intersil Corporation X80204 Datasheet HTML 8Page - Intersil Corporation X80204 Datasheet HTML 9Page - Intersil Corporation X80204 Datasheet HTML 10Page - Intersil Corporation X80204 Datasheet HTML 11Page - Intersil Corporation X80204 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN8154.0
The READY output pin reflects the condition of the VDDH
input. READY is LOW as long as VDDH is below UVLOH
and remains LOW for a period of tPURST after VDDH
crosses UVLOH, see Figure 4. Once VDDH rises above
UVLOH and remains stable for tPURST, the READY output
turns ON. If READY connects directly to the GATEH_EN pin,
then the GATE_H charge pump turns on immediately. The
turn on of the Gate_H charge pump can be delayed by using
an external filter (RC filter) connected between the READY
and GATEH_EN pins.
When VDDH drops below the UVLOH threshold, READY
goes inactive immediately. For more details on this turn-off
mechanism, See "Power Supply Failure Conditions" on
page 9.
SECONDARY VOLTAGES VDDM AND VDDL
The VDDM and VDDL voltage inputs each have their own
undervoltage lockout settings, UVLOM, and UVLOL,
respectively. Each undervoltage lockout level is preset at the
factory. For information on these settings, See Ordering
Information. For custom programmed levels, contact Intersil.
The GATE_M and GATE_ L charge pumps are OFF as long
as VDDM, and VDDL are below their respective UVLO trip
points. When READY is active and VDDM and VDDL go
above their UVLO thresholds, the GATE_M and GATE_L
charge pumps can be turned ON when activated as part of
the power sequence desired. If VDDL or VDDM drop below
the UVLO level the charge pumps turn off. For more details
on this turn-off mechanism, See "Power Supply Failure
Conditions" on page 9.
Sequence Delay Logic. This block contains the logic
circuits that implement the power-up and power-down
sequencing of the VDDH (GATE_H), VDDM (GATE_M), and
VDDL (GATE_L) voltages. The sequencing protocol has a
built-in “core-first-up and core-down-last” algorithm. On
power-up the GATE_L signal turns on first, followed by
GATE_M signal. During the power-down, the GATE_M turns
off first and the GATE_L signal follows.
The sequencing of the power supplies is primarily controlled
and regulated via the SETV and the ENS (enable sequence)
pins.
All charge pumps are designed to ramp up their respective
gates at the same slew rate for the same load.
Time Based Power Sequencing (ENS option)
The ENS (Enable Sequence) pin controls the start of the
ramp up/ramp down sequence for GATE_M and GATE_L in
the time domain. (See Figure 3.)
ENS is an edge-triggered input. A rising edge (LOW to
HIGH) on the ENS input turns on the charge pump that
drives the GATE_L output. The slew rate of the GATE_L
output depends on the external MOSFET and any load
connected to it. (See Electrical Table). After a tDELAY_UP
time, the GATE_M charge pump turns ON. Again the slew
rate is dependent on the load connected to GATE_M output.
The falling edge transition on the ENS pin (HIGH to LOW)
turns off the charge pump that drives the GATE_M output.
After a tDELAY_DOWN time period, the GATE_L charge
pump turns OFF.
Voltage Based Power Sequencing (SETV Option)
Using the SETV pin allows for a voltage based sequencing
of the GATE_L and GATE_M outputs. SETV is an edge
triggered input signal. A LOW to HIGH transition on SETV
immediately turns ON the charge pump for GATE_L. The
GATE_L output then starts ramping up. In this configuration,
the drain of the MOSFET “L” connects to the VFB pin and
this voltage is compared to an external reference applied to
the REF pin. The comparator turns on the charge pump for
GATE_M once the voltage on VFB exceeds the voltage on
REF. (See Figure 5.)
The voltage sequencing comparator has a 30mV hysteresis,
so the GATE_M output does not oscillate as the core voltage
powers up.
A High to Low transition of SETV turns OFF charge pump M
and GATE_M is pulled low. After a tDELAY_DOWN time
period, charge pump L turns off and GATE_L is pulled low.
tDELAY_UP
ENS
GATE_L
GATE_M
tDELAY_DOWN
FIGURE 3. TIME BASED SEQUENCING OF GATE_M AND
GATE_L
tPURST
UVLOH
VDDH
READY
FIGURE 4. VDDH/READY SEQUENCING
X80200, X80201, X80202, X80203, X80204


Similar Part No. - X80204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80204 RENESAS-X80204 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
X80204V20I RENESAS-X80204V20I Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results

Similar Description - X80204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
logo
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
   System Power Supply with WDT
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
   System Power Supply with MUTE Function
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
logo
Rohm
BA4911 ROHM-BA4911_1 Datasheet
205Kb / 6P
   Biopolat System power Supply
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Rohm
BA4911-V4 ROHM-BA4911-V4 Datasheet
201Kb / 6P
   Bipolar System Power Supply
logo
Keysight Technologies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
   System DC Power Supply
logo
Sanyo Semicon Device
LA5632 SANYO-LA5632 Datasheet
43Kb / 6P
   Multiple Power Supply System Regulator
logo
WAGO Kontakttechnik Gmb...
750-613 WAGO-750-613 Datasheet
374Kb / 12P
   System Power Supply; 24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com