Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4702DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4702DY
Description  Load Switch with Level-Shift
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4702DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4702DY Datasheet HTML 1Page - Vishay Siliconix SI4702DY Datasheet HTML 2Page - Vishay Siliconix SI4702DY Datasheet HTML 3Page - Vishay Siliconix SI4702DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4702DY
Vishay Siliconix
www.vishay.com
2
Document Number: 71293
S-31874—Rev. E, 15-Sep-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.00
0.02
0.04
0.06
0.08
0.10
0369
12
VDS vs. ID
0.00
0.02
0.04
0.06
0.08
0.10
0369
12
0.0
0.2
0.4
0.6
0.8
1.0
0
6
12
18
24
30
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
0
6
12
18
24
30
ID - (A)
VON/OFF = 0 V
VHV = 10 V
VS2 = 0 V
0.0
0.1
0.2
0.3
0.4
0.5
0369
12
TJ = 125_C
TJ = 25_C
TJ = 125_C
TJ = 25_C
TJ = 125_C
TJ = 25_C
TJ = 125_C
TJ = 25_C
VDS vs. ID
ID - (A)
VON/OFF = 0 V
VHV = 4.5 V
VS2 = 0 V
VDS vs. VHV
VHV - (V)
VON/OFF = 0 V
IDS = 1 A
VS2 = 0 V
VDS vs. VHV
VON/OFF = 0 V
IDS = 5 A
VS2 = 0 V
TJ = 125_C
TJ = 25_C
rDS vs. VHV
VON/OFF = 0 V
IDS = 1 A
VS2 = 0 V
Normalized On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
VIN = 10 V
VON/OFF = 0 V
IDS = 1 A
VS2 = 0 V
VHV = 4.5 V
VHV - (V)
VHV - (V)


Similar Part No. - SI4702DY

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon image
Si4702 SILICONIMAGE-Si4702 Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4702 SILABS-SI4702 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4702 SILABS-SI4702 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4702 SILABS-SI4702 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
More results

Similar Description - SI4702DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com