Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33023P Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33023P
Description  High Speed Single-Ended PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023P Datasheet(HTML) 3 Page - ON Semiconductor

  MC33023P Datasheet HTML 1Page - ON Semiconductor MC33023P Datasheet HTML 2Page - ON Semiconductor MC33023P Datasheet HTML 3Page - ON Semiconductor MC33023P Datasheet HTML 4Page - ON Semiconductor MC33023P Datasheet HTML 5Page - ON Semiconductor MC33023P Datasheet HTML 6Page - ON Semiconductor MC33023P Datasheet HTML 7Page - ON Semiconductor MC33023P Datasheet HTML 8Page - ON Semiconductor MC33023P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MC34023 MC33023
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kΩ, CT = 1.0 nF, for typical values TA = + 25°C, for min/max values TA is
the operating ambient temperature range that applies [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage
VIO
15
mV
Input Bias Current
IIB
0.6
3.0
µA
Input Offset Current
IIO
0.1
1.0
µA
Open–Loop Voltage Gain (VO = 1.0 V to 4.0 V)
AVOL
60
95
dB
Gain Bandwidth Product (TJ = + 25°C)
GBW
4.0
8.3
MHz
Common Mode Rejection Ratio (VCM = 1.5 V to 5.5 V)
CMRR
75
95
dB
Power Supply Rejection Ratio (VCC = 10 V to 30 V)
PSRR
85
110
dB
Output Current, Source (VO = 4.0 V)
Output Current, Sink (VO = 1.0 V)
ISource
ISink
0.5
1.0
3.0
3.6
mA
Output Voltage Swing, High State (IO = – 0.5 mA)
Output Voltage Swing, Low State (IO = 1 mA)
VOH
VOL
4.5
0
4.75
0.4
5.0
1.0
V
Slew Rate
SR
6.0
12
V/
µs
PWM COMPARATOR SECTION
Ramp Input Bias Current
IIB
– 0.5
– 5.0
µA
Duty Cycle, Maximum
Duty Cycle, Minimum
DC(max)
DC(min)
80
90
0
%
Zero Duty Cycle Threshold Voltage Pin 3(4) (Pin 7(9) = 0 V)
Vth
1.1
1.25
1.4
V
Propagation Delay (Ramp Input to Output, TJ =+ 25°C)
tPLH(in/out)
60
100
ns
SOFT–START SECTION
Charge Current (VSoft–Start = 0.5 V)
Ichg
3.0
9.0
20
µA
Discharge Current (VSoft–Start = 1.5 V)
Idischg
1.0
4.0
mA
CURRENT SENSE SECTION
Input Bias Current (Pin 9(12) = 0 V to 4.0 V)
IIB
15
µA
Current Limit Comparator Input Offset Voltage (Pin 11(14) = 1.1 V)
VIO
45
mV
Current Limit Reference Input Common Mode Range (Pin 11(14))
VCMR
1.0
1.25
V
Shutdown Comparator Threshold
Vth
1.25
1.40
1.55
V
Propagation Delay (Current Limit/Shutdown to Output, TJ =+ 25°C)
tPLH(in/out)
50
80
ns
OUTPUT SECTION
Output Voltage
Low State (ISink = 20 mA)
(ISink = 200 mA)
High State (ISource = 20 mA)
(ISource = 200 mA)
VOL
VOH
13
12
0.25
1.2
13.5
13
0.4
2.2
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 0.5 mA)
VOL(UVLO)
0.25
1.0
V
Output Leakage Current (VC = 20 V)
IL
100
500
µA
Output Voltage Rise Time (CL = 1.0 nF, TJ = + 25°C)
tr
30
60
ns
Output Voltage Fall Time (CL = 1.0 nF, TJ = + 25°C)
tf
30
60
ns
UNDERVOLTAGE LOCKOUT SECTION
Start–Up Threshold (VCC Increasing)
Vth(on)
8.8
9.2
9.6
V
UVLO Hysteresis Voltage (VCC Decreasing After Turn–On)
VH
0.4
0.8
1.2
V
TOTAL DEVICE
Power Supply Current
Start–Up (VCC = 8.0 V)
Operating
ICC
0.5
20
1.2
30
mA
NOTES: 1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for MC34023
Thigh = +70°C for MC34023
Tlow = – 40°C for MC33023
Thigh = +105°C for MC33023


Similar Part No. - MC33023P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33023 ONSEMI-MC33023 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33023 ONSEMI-MC33023 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33023DW ONSEMI-MC33023DW Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33023DWG ONSEMI-MC33023DWG Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33023DWR2 ONSEMI-MC33023DWR2 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
More results

Similar Description - MC33023P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com