Electronic Components Datasheet Search |
|
IRKT500-14 Datasheet(PDF) 3 Page - International Rectifier |
|
IRKT500-14 Datasheet(HTML) 3 Page - International Rectifier |
3 / 8 page IRK.500.. Series 3 Bulletin I27401 rev. A 09/97 www.irf.com T J Max. junction operating temperature range - 40 to 130 °C Tstg Max. storage temperature range - 40 to 150 R thJC Max. thermal resistance, junction to 0.065 K/W Per junction, DC operation case RthC-hs Max. thermal resistance, case to 0.02 K/W heatsink T Mounting torque ± 10% SMAP to heatsink 6 - 8 Nm busbar to SMAP 12 - 15 wt Approximate weight 1500 g Case style SUPER MAGN-A-pak See outline table dv/dt Maximum critical rate of rise of off-state 1000 V/µs T J = 130°C., linear to VD = 80% VDRM voltage V INS RMS isolation voltage 3000 V t = 1 s I RRM Maximum peak reverse and off-state 100 mA T J = T J max., rated V DRM /V RRM applied I DRM leakage current Parameter IRK.500.. Units Conditions Blocking Parameter IRK.500.. Units Conditions Triggering P GM Maximum peak gate power 10 W T J = TJ max., tp < 5ms P G(AV) Maximum peak average gate power 2.0 W T J = TJ max., f = 50Hz, d% = 50 + I GM Maximum peak positive gate current 3.0 A T J = T J max., tp < 5ms + V GM Maximum peak positive gate voltage 20 V - V GM Maximum peak negative gate voltage 5.0 V I GT Max. DC gate current required to trigger 200 mA T J = 25°C V ak 12V V GT DC gate voltage required to trigger 3.0 V T J = 25°C V ak 12V I GD DC gate current not to trigger 10 mA T J = T J max. V GD DC gate voltage not to trigger 0.25 V Parameter IRK.500.. Units Conditions Thermal and Mechanical Specifications A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound |
Similar Part No. - IRKT500-14 |
|
Similar Description - IRKT500-14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |