Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLYU113P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLYU113P
Description  LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYU113P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLYU113P Datasheet HTML 1Page - Toshiba Semiconductor TLYU113P Datasheet HTML 2Page - Toshiba Semiconductor TLYU113P Datasheet HTML 3Page - Toshiba Semiconductor TLYU113P Datasheet HTML 4Page - Toshiba Semiconductor TLYU113P Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLOU113P(F),TLSU113P(F),TLYU113P(F)
2004-06-28
3
TLSU113P(F)
波長特性
λ (nm)
1.0
0
560
0.8
0.6
0.4
0.2
580
600
620
640
660
680
IF = 20mA
Ta = 25°C
IF – Ta
周囲温度
Ta (°C)
40
0
0
20
40
60
80
100
30
20
10
IF – VF
電 圧
VF (V)
100
1
1.6
50
10
5
2
1.8
2.0
2.4
2.2
2.6
Ta = 25°C
20
IV – Tc
ケース温度
Tc (°C)
100
10
0.1
−25
0.2
1
0.5
0
25
50
75
2
5
指向特性
Ta = 25°C
0
0.2
0.4
0.6
0.8
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
1.0
IV – IF
電 流
IF (mA)
1000
500
200
1
100
50
10
2
5
10
20
50
20
100
Ta = 25°C


Similar Part No. - TLYU113P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYU113P TOSHIBA-TLYU113P Datasheet
198Kb / 6P
   Panel Circuit Indicator
logo
Marktech Corporate
TLYU113P MARKTECH-TLYU113P Datasheet
210Kb / 5P
   TOSHIBA InGaA LED
More results

Similar Description - TLYU113P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com