Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-4890 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSMP-4890
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-4890 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSMP-4890 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-4890 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Package Dimensions
Outline 23 (SOT-23)
PC Board Footprints
SOT-23
0.037
0.95
0.037
0.95
0.079
2.0
0.031
0.8
DIMENSIONS IN
inches
mm
0.035
0.9
Package Characteristics
Lead Material ...................................................................................... Alloy 42
Lead Finish ............................................................................ Tin-Lead 85-15%
Maximum Soldering Temperature .............................. 260
°C for 5 seconds
Minimum Lead Strength .......................................................... 2 pounds pull
Typical Package Inductance .................................................................. 2 nH
Typical Package Capacitance .............................. 0.08 pF (opposite leads)
SOT-143
DIMENSIONS IN
inches
mm
0.075
1.9
0.071
1.8
0.112
2.85
0.079
2
0.033
0.85
0.041
1.05
0.108
2.75
0.033
0.85
0.047
1.2
0.031
0.8
0.033
0.85
Outline 143 (SOT-143)
3
1
2
SIDE VIEW
TOP VIEW
END VIEW
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.02 (0.040)
0.89 (0.035)
0.50 (0.024)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
3.06 (0.120)
2.80 (0.110)
2.04 (0.080)
1.78 (0.070)
1.02 (0.041)
0.85 (0.033)
0.152 (0.006)
0.066 (0.003)
0.10 (0.004)
0.013 (0.0005)
0.69 (0.027)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
X X X
PACKAGE
MARKING
CODE (XX)
DATE CODE (X)
0.69 (0.027)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
0.60 (0.024)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
0.10 (0.004)
0.013 (0.0005)
1.04 (0.041)
0.85 (0.033)
0.92 (0.036)
0.78 (0.031)
2.04 (0.080)
1.78 (0.070)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.15 (0.006)
0.09 (0.003)
3.06 (0.120)
2.80 (0.110)
PACKAGE
MARKING
CODE (XX)
BE
C
E
X X X
DATE CODE (X)


Similar Part No. - HSMP-4890

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-4890 BOARDCOM-HSMP-4890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-4890-BLK HP-HSMP-4890-BLK Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
HSMP-4890-TR1 HP-HSMP-4890-TR1 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
HSMP-4890-TR2 HP-HSMP-4890-TR2 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-4890

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com