Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3189JCPZ-RLZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3189JCPZ-RLZ
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189JCPZ-RLZ Datasheet(HTML) 3 Page - Analog Devices

  ADP3189JCPZ-RLZ Datasheet HTML 1Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 2Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 3Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 4Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 5Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 6Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 7Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 8Page - Analog Devices ADP3189JCPZ-RLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADP3189
Rev. 0 | Page 3 of 36
FUNCTIONAL BLOCK DIAGRAM
VCC
PRECISION
REFERENCE
DELAY
UVLO
SHUTDOWN
AND BIAS
OSCILLATOR
GND
EN
ADP3189
18
VRHOT 9
VRFAN 8
TTSENSE 10
PWRGD 2
31
RT
13
RAMPADJ
12
PWM2
29
14 LLSET
4
FB
6
SS
PWM3
28
PWM4
27
PWM5
26
SW1
25
CSREF
15
CSCOMP
17
SW2
24
SW3
23
SW5
21
SW4
22
CSSUM
16
VID4
35
VID3
36
VID2
37
VID1
38
1
VID0
39
VID6
33
VID7
32
VID5
34
COMP 5
DELAY 7
ILIMIT 11
VIDSEL 40
FBRTN 3
VID
DAC
DAC + 150mV
DAC – 250mV
CSREF
CURRENT
LIMIT
CIRCUIT
CROWBAR
CURRENT
LIMIT
CMP
CMP
CMP
CMP
CURRENT
BALANCING
CIRCUIT
2-/3-/4-/5-PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
RESET
RESET
PWM1
30
OD
19
850mV
CMP
BOOT
VOLTAGE
& SOFT-START
CONTROL
THERMAL
THROTTLING
CONTROL
+
Figure 1.


Similar Part No. - ADP3189JCPZ-RLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
ADP3181JRQZ-RL AD-ADP3181JRQZ-RL Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
More results

Similar Description - ADP3189JCPZ-RLZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com