Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S022EVAL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC128S022EVAL
Description  8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S022EVAL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC128S022EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC128S022EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADC128S022 Converter Electrical Characteristics (Note 8) (Continued)
The following specifications apply for AGND = DGND = 0V, f
SCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 kSPS to 200 kSPS, CL
= 50pF, unless otherwise noted. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
DYNAMIC CONVERTER CHARACTERISTICS
THD
Total Harmonic Distortion
V
A =VD = +3.0V,
f
IN = 39.9 kHz, −0.02 dBFS
−89
−74
dB (max)
V
A =VD = +5.0V,
f
IN = 39.9 kHz, −0.02 dBFS
−90
−74
dB (max)
SFDR
Spurious-Free Dynamic Range
V
A =VD = +3.0V,
f
IN = 39.9 kHz, −0.02 dBFS
91
75
dB (min)
V
A =VD = +5.0V,
f
IN = 39.9 kHz, −0.02 dBFS
91
75
dB (min)
ENOB
Effective Number of Bits
V
A =VD = +3.0V,
f
IN = 39.9 kHz
11.8
11.3
Bits (min)
V
A =VD = +5.0V,
f
IN = 39.9 kHz, −0.02 dBFS
11.8
11.3
Bits (min)
ISO
Channel-to-Channel Isolation
V
A =VD = +3.0V,
f
IN =20kHz
81
dB
V
A =VD = +5.0V,
f
IN = 20 kHz, −0.02 dBFS
80
dB
IMD
Intermodulation Distortion, Second
Order Terms
V
A =VD = +3.0V,
f
a = 19.5 kHz, fb = 20.5 kHz
−97
dB
V
A =VD = +5.0V,
f
a = 19.5 kHz, fb = 20.5 kHz
−94
dB
Intermodulation Distortion, Third
Order Terms
V
A =VD = +3.0V,
f
a = 19.5 kHz, fb = 20.5 kHz
−88
dB
V
A =VD = +5.0V,
f
a = 19.5 kHz, fb = 20.5 kHz
−88
dB
ANALOG INPUT CHARACTERISTICS
V
IN
Input Range
0 to V
A
V
I
DCL
DC Leakage Current
±1
µA (max)
C
INA
Input Capacitance
Track Mode
33
pF
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
V
IH
Input High Voltage
V
A =VD = +2.7V to +3.6V
2.1
V (min)
V
A =VD = +4.75V to +5.25V
2.4
V (min)
V
IL
Input Low Voltage
V
A =VD = +2.7V to +5.25V
0.8
V (max)
I
IN
Input Current
V
IN =0VorVD
±0.01
±1
µA (max)
C
IND
Digital Input Capacitance
2
4
pF (max)
www.national.com
4


Similar Part No. - ADC128S022EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022 TI1-ADC128S022 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S022EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com