Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33065DW Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33065DW
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33065DW Datasheet HTML 7Page - ON Semiconductor MC33065DW Datasheet HTML 8Page - ON Semiconductor MC33065DW Datasheet HTML 9Page - ON Semiconductor MC33065DW Datasheet HTML 10Page - ON Semiconductor MC33065DW Datasheet HTML 11Page - ON Semiconductor MC33065DW Datasheet HTML 12Page - ON Semiconductor MC33065DW Datasheet HTML 13Page - ON Semiconductor MC33065DW Datasheet HTML 14Page - ON Semiconductor MC33065DW Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC34065 MC33065
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 21. Adjustable Reduction of Clamp Level
with Soft–Start
Figure 22. MOSFET Parasitic Oscillations
Figure 23. Current Sensing Power MOSFET
Figure 24. Current Waveform Spike Suppression
+
+
+
Vin
VCC
16
+
+
Q1
RS
6
7
5.0 Vref
20 k
Bias
R
R
Vref
15
1
3
2
4
5
MPSA63
R1
R2
C
EA1
2R
0.5 V
R
VClamp
PWM
Latch 1
S
R
Q
Where: 0
≤ VClamp ≤ 0.5 V
Osc
_
_
+
Series gate resistor Rg may be needed to damp high frequency
parasitic oscillations caused by the MOSFET input capacitance
and any series wiring inductance in the gate–source circuit. Rg
will decrease the MOSFET switching speed. Schottky diode
D1 is required if circuit ringing drives the output pin below
ground.
+
+
+
VCC
16
+
5.0 Vref
+
PWM
Latch 1
Q
S
R
1N5819
Rg
Q1
RS
7
6
Vin
D1
_
Virtually lossless current sensing can be achieved with the implementation
of a SENSEFET power switch. For proper operation during over current
conditions, a reduction of the Ipk(max) clamp level must be implemented.
Refer to Figures 19 and 21.
+
+
S
R
Q
VCC
Vin
5.0 Vref
PWM
Latch 1
7
6 RS
1/4W
D
S
K
M
G
SENSEFET
Power Ground to
Input Source Return
Drive Ground
to Pin 9
Control Circuitry
Ground to Pin 8
If: SENSEFET = MTP10N10M
RS = 200
Then: VPin 6 = 0.075 Ipk
+
_
_
16
The addition of the RC filter will eliminate instability caused by
the leading edge spike on the current waveform.
Vin
Q1
RS
+
5.0 Vref
S
R
Q
PWM
Latch 1
7
6
C
R
17 V
V
Clamp [
1.67
R2
R1
) 1
I
pk(max) [
V
Clamp
R
S
17 V
V
Pin 6 [
R
S
I
pk
R
DS(on)
R
DM(on) )
R
S
17 V
17 V
+
+
+
VCC
16
+
_
+
+
t
Soft–Start +
ln
1
1–
V
C
3V
Clamp
C
R1R2
R1
) R2


Similar Part No. - MC33065DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Similar Description - MC33065DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
   High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS3865C CHERRY-CS3865C Datasheet
171Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com