Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-A801-ED000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # 5082-A801-ED000
Description  Low Current Seven Segment Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-A801-ED000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button 5082-A801-ED000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 5082-A801-ED000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Internal Circuit Diagram (cont.)
Absolute Maximum Ratings
AlGaAs Red - HDSP-
HER
A10X/E10X/H10X
HDSP-751X/
Yellow
Green
K12X/N10X/N40X
335X/555X/
HDSP-A80X
HDSP-A90X
Description
F10X, G10X Series
K70X Series
Series
Series
Units
Average Power per Segment or DP
37
52
64
mW
Peak Forward Current per
45
mA
Segment or DP
DC Forward Current per
15[1]
15[2]
mA
Segment or DP
Operating Temperature Range
-20 to +100
-40 to +100
°C
Storage Temperature Range
-55 to +100
°C
Reverse Voltage per Segment
3.0
V
or DP
Wave Soldering Temperature for 3
Seconds (1.60 mm [0.063 in.] below
250
°C
seating body)
Notes:
1. Derate above 91
°C at 0.53 mA/°C.
2. Derate HER/Yellow above 80
°C at 0.38 mA/°C and Green above 71°C at 0.31 mA/°C.


Similar Part No. - 5082-A801-ED000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-A01E HP-5082-A01E Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
5082-A01X HP-5082-A01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
5082-A03E HP-5082-A03E Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
5082-A111-00000 HP-5082-A111-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-A111-0E000 HP-5082-A111-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-A801-ED000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com