Electronic Components Datasheet Search |
|
16CV68BE Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
16CV68BE Datasheet(HTML) 1 Page - Sanyo Semicon Device |
|
1 / 1 page Surface Mount Type Aluminum Electrolytic Capacitors CV-BE Series 18 Surface Mount Type Miniature, Super low profile 3.9mm height CV-BE series is to change height from 4.5mm of CV-BD which is a conventional low profile surface mount type capacitor, to be a lower profile 3.9mm which is the first time in the capacitor industry. Solvent proof (within 2 minutes). V μF 4 6.3 10 16 25 Items Specifications Rated voltage ( V ) 4 −40 to +85 The greater value of either 0.01CV or 3 Within ±25% of the initial value ≤ Twice the initial standard ≤ The initial standard Capacitors placed on a 250 ℃ hot plate for 30 seconds with their electrode terminals facing downward will fufill the following conditions after being cooled to room temperature. Within ±10% of the initial value ≤ The initial standard ≤ The initial standard Conform to IEC 60384-18 ±20 6.3 10 16 25 (120Hz) 0.40 0.30 0.24 0.20 0.16 74322 15 10 8 6 4 Operating temperature renge (℃) Capacitance tolerance (%) Other characteristics Impedance (120Hz)ratio at low temperature (MAX.) High-temperature load 85 ℃ 1000hrs. rated voltage applied Z−25℃/Z20℃ Z−40℃/Z20℃ △C/C tan δ L.C. Resistance to soldering heat Test △C/C tan δ L.C. Tangent of loss angle (tanδ) (MAX.) (120Hz) Leakage current (L.C.) (μA/after 2min.) (MAX.) D+0.5MAX. L +0.1 – 0.2 W ±0.2 H ±0.2 C ±0.2 R P ±0.2 5.0 6.3 3.9 3.9 5.3 6.6 5.3 6.6 6.0 7.3 0.5 to 0.8 0.5 to 0.8 1.4 2.2 10 22 33 47 68 100 0.5 ×3.9 6.3 ×3.9 6.3 ×3.9 40 60 70 0.5 ×3.9 6.3 ×3.9 6.3 ×3.9 40 50 60 0.5 ×3.9 6.3 ×3.9 6.3 ×3.9 35 50 55 0.5 ×3.9 6.3 ×3.9 6.3 ×3.9 25 45 50 0.5 ×3.9 6.3 ×3.9 30 50 (Unit:A) ■ Specifications ■ Dimensions ■ Size List 0.3MAX. L W (+) R Model No. 16CV22BE Rated voltage Capacitance symbol Ripple current mA r.m.s. (120Hz, 85℃) φD×L CV-BE CV-BD low profile |
Similar Part No. - 16CV68BE |
|
Similar Description - 16CV68BE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |