Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34151D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC34151D
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34151D Datasheet(HTML) 2 Page - ON Semiconductor

  MC34151D Datasheet HTML 1Page - ON Semiconductor MC34151D Datasheet HTML 2Page - ON Semiconductor MC34151D Datasheet HTML 3Page - ON Semiconductor MC34151D Datasheet HTML 4Page - ON Semiconductor MC34151D Datasheet HTML 5Page - ON Semiconductor MC34151D Datasheet HTML 6Page - ON Semiconductor MC34151D Datasheet HTML 7Page - ON Semiconductor MC34151D Datasheet HTML 8Page - ON Semiconductor MC34151D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC34151, MC33151
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Logic Inputs (Note 1.)
Vin
–0.3 to VCC
V
Drive Outputs (Note 2.)
Totem Pole Sink or Source Current
Diode Clamp Current (Drive Output to VCC)
IO
IO(clamp)
1.5
1.0
A
Power Dissipation and Thermal Characteristics
D Suffix SO–8 Package Case 751
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction–to–Air
P Suffix 8–Pin Package Case 626
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction–to–Air
PD
R
θJA
PD
R
θJA
0.56
180
1.0
100
W
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
MC34151
MC33151
TA
0 to +70
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = 25°C, for min/max values TA is the only operating
ambient temperature range that applies [Note 3.], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
Input Threshold Voltage – High State Logic 1
Input Threshold Voltage – Low State Logic 0
VIH
VIL
2.6
1.75
1.58
0.8
V
Input Current – High State (VIH = 2.6 V)
Input Current – Low State (VIL = 0.8 V)
IIH
IIL
200
20
500
100
µA
DRIVE OUTPUT
Output Voltage – Low State (ISink = 10 mA)
Output Voltage – Low State (ISink = 50 mA)
Output Voltage – Low State (ISink = 400 mA)
Output Voltage – High State (ISource = 10 mA)
Output Voltage – High State (ISource = 50 mA)
Output Voltage – High State (ISource = 400 mA)
VOL
VOH
10.5
10.4
9.5
0.8
1.1
1.7
11.2
11.1
10.9
1.2
1.5
2.5
V
Output Pull–Down Resistor
RPD
100
k
SWITCHING CHARACTERISTICS (TA = 25°C)
Propagation Delay (10% Input to 10% Output, CL = 1.0 nF)
Logic Input to Drive Output Rise
Logic Input to Drive Output Fall
tPLH(in/out)
tPHL(in/out)
35
36
100
100
ns
Drive Output Rise Time (10% to 90%) CL = 1.0 nF
Drive Output Rise Time (10% to 90%) CL = 2.5 nF
tr
14
31
30
ns
Drive Output Fall Time (90% to 10%) CL = 1.0 nF
Drive Output Fall Time (90% to 10%) CL = 2.5 nF
tf
16
32
30
ns
TOTAL DEVICE
Power Supply Current
Standby (Logic Inputs Grounded)
Operating (CL = 1.0 nF Drive Outputs 1 and 2, f = 100 kHz)
ICC
6.0
10.5
10
15
mA
Operating Voltage
VCC
6.5
18
V
1. For optimum switching speed, the maximum input voltage should be limited to 10 V or VCC, whichever is less.
2. Maximum package power dissipation limits must be observed.
3. Tlow =0°C for MC34151
Thigh = +70°C for MC34151
–40
°C for MC33151
+85
°C for MC33151


Similar Part No. - MC34151D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34151D ONSEMI-MC34151D Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DG ONSEMI-MC34151DG Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151DR2 ONSEMI-MC34151DR2 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DR2G ONSEMI-MC34151DR2G Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DR2G ONSEMI-MC34151DR2G Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results

Similar Description - MC34151D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com