Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX884-B13 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZX884-B13
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX884-B13 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZX884-B13 Datasheet HTML 1Page - NXP Semiconductors BZX884-B13 Datasheet HTML 2Page - NXP Semiconductors BZX884-B13 Datasheet HTML 3Page - NXP Semiconductors BZX884-B13 Datasheet HTML 4Page - NXP Semiconductors BZX884-B13 Datasheet HTML 5Page - NXP Semiconductors BZX884-B13 Datasheet HTML 6Page - NXP Semiconductors BZX884-B13 Datasheet HTML 7Page - NXP Semiconductors BZX884-B13 Datasheet HTML 8Page - NXP Semiconductors BZX884-B13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Mar 26
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX884 series
FEATURES
• Two tolerance series: ±2% and ±5%
• Working voltage range: nominal 2.4 V to 75 V
(E24 range)
• Leadless ultra small plastic package
(1 mm
× 0.6 mm × 0.5 mm)
• Boardspace 1.17 mm2 (approximately 10% of SOT23)
• Power dissipation comparable to SOT23.
APPLICATIONS
• General regulation functions
• ESD ultra high-speed switching
• High frequency applications
• Mobile communication, digital (still) cameras, PDAs and
PCMCIA cards.
DESCRIPTION
Low-power voltage regulator diodes encapsulated in
SOD882 leadless ultra small plastic packages.
handbook, halfpage
MAM472
Bottom view
Fig.1
Simplified outline (SOD882) and symbol.
The marking bar indicates the cathode.
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
Marking codes for BZX884-B2V4 to BZX884-B75
BZX884-B2V4
A1
BZX884-B6V2
AB
BZX884-B16
C1
BZX884-B43
CB
BZX884-B2V7
A2
BZX884-B6V8
AC
BZX884-B18
C2
BZX884-B47
CC
BZX884-B3V0
A3
BZX884-B7V5
AD
BZX884-B20
C3
BZX884-B51
CD
BZX884-B3V3
A4
BZX884-B8V2
AE
BZX884-B22
C4
BZX884-B56
CE
BZX884-B3V6
A5
BZX884-B9V1
AF
BZX884-B24
C5
BZX884-B62
CF
BZX884-B3V9
A6
BZX884-B10
AG
BZX884-B27
C6
BZX884-B68
CG
BZX884-B4V3
A7
BZX884-B11
AH
BZX884-B30
C7
BZX884-B75
CH
BZX884-B4V7
A8
BZX884-B12
AJ
BZX884-B33
C8
BZX884-B5V1
A9
BZX884-B13
AK
BZX884-B36
C9
BZX884-B5V6
AA
BZX884-B15
AL
BZX884-B39
CA
Marking codes for BZX884-C2V4 to BZX884-C75
BZX884-C2V4
B1
BZX884-C6V2
BB
BZX884-C16
D1
BZX884-C43
DB
BZX884-C2V7
B2
BZX884-C6V8
BC
BZX884-C18
D2
BZX884-C47
DC
BZX884-C3V0
B3
BZX884-C7V5
BD
BZX884-C20
D3
BZX884-C51
DD
BZX884-C3V3
B4
BZX884-C8V2
BE
BZX884-C22
D4
BZX884-C56
DE
BZX884-C3V6
B5
BZX884-C9V1
BF
BZX884-C24
D5
BZX884-C62
DF
BZX884-C3V9
B6
BZX884-C10
BG
BZX884-C27
D6
BZX884-C68
DG
BZX884-C4V3
B7
BZX884-C11
BH
BZX884-C30
D7
BZX884-C75
DH
BZX884-C4V7
B8
BZX884-C12
BJ
BZX884-C33
D8
BZX884-C5V1
B9
BZX884-C13
BK
BZX884-C36
D9
BZX884-C5V6
BA
BZX884-C15
BL
BZX884-C39
DA


Similar Part No. - BZX884-B13

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX884-B13 NEXPERIA-BZX884-B13 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
More results

Similar Description - BZX884-B13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com