Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34160 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC34160
Description  MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34160 Datasheet(HTML) 4 Page - ON Semiconductor

  MC34160 Datasheet HTML 1Page - ON Semiconductor MC34160 Datasheet HTML 2Page - ON Semiconductor MC34160 Datasheet HTML 3Page - ON Semiconductor MC34160 Datasheet HTML 4Page - ON Semiconductor MC34160 Datasheet HTML 5Page - ON Semiconductor MC34160 Datasheet HTML 6Page - ON Semiconductor MC34160 Datasheet HTML 7Page - ON Semiconductor MC34160 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC34160 MC33160
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 3. Reference Output Voltage Change
versus Source Current
Figure 4. Power Warning Hysteresis Current
versus Programming Resistor
Figure 5. Power Warning Comparator Delay
versus Temperature
Figure 6. Uncommitted Comparator Delay
versus Temperature
Figure 7. Comparator Output Saturation
versus Sink Current
Figure 8. P Suffix (DIP–16) Thermal Resistance and
Maximum Power DIssipation versus
P.C.B. Copper Length
Iref, REFERENCE OUTPUT SOURCE CURRENT (mA)
0
–8.0
–16
–24
–32
0
2.0
4.0
6.0
8.0
VCC = 7.5 V
TA = 25°C
RH, PROGRAMMING RESISTOR (kW)
60
40
20
0
20
40
60
80
100
120
140
VCC = 30 V
VPin 9 = 2.5 V
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
800
600
400
200
–55
–25
0
25
50
75
100
125
VCC = 30 V
Vin (Pin 9) = 2.5 V to 2.7 V
RL = 2.4 k to VO
Output Rise
Output Fall
Output Fall
TA, AMBIENT TEMPERATURE (°C)
440
360
280
200
120
–55
–25
0
25
50
75
100
125
Output Rise
VCC = 30 V
VPin 1 = 2.5 V to 2.9 V
VPin 2 = 2.6 V
RL = 2.4 k to VO
ISink, SINK CURRENT (mA)
0.5
0.4
0.3
0.2
0.1
0
0
2.0
4.0
6.0
8.0
VCC = 6.0 V
VPin 1 = Vref
VPin 2, 9 = 10 kΩ to Gnd
Vsat = Pins 6, 7, 8
TA = 85°C
TA = 25°C
TA = –40°C
L, LENGTH OF COPPER (mm)
10
020
30
40
50
100
80
60
40
20
00
1.0
2.0
3.0
4.0
5.0
L
Printed circuit board heatsink example
Graphs represent symmetrical layout
2.0 oz.
Copper
L
3.0 mm
PD(max) for TA = 70°C
R
θJA


Similar Part No. - MC34160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC34160 ONSEMI-MC34160 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC34160DW ONSEMI-MC34160DW Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC34160DWG ONSEMI-MC34160DWG Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC34160DWR2 ONSEMI-MC34160DWR2 Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
More results

Similar Description - MC34160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com