Electronic Components Datasheet Search |
|
HSMP-3832-TR2 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard) |
|
HSMP-3832-TR2 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard) |
10 / 12 page 10 Microstrip Shunt Connections for HSMP-48XX Series In the diagram above, the center conductor of the microstrip line is interrupted and leads 1 and 2 of the HSMP-38XX series diode are placed across the resulting gap. This forces the 0.5 nH lead inductance of leads 1 and 2 to appear as part of a low pass filter, reducing the shunt parasitic inductance and increasing the maximum available attenuation. The 0.3 nH of shunt inductance external to the diode is created by the via holes, and is a good estimate for 0.032" thick material. Co-Planar Waveguide Shunt Connection for HSMP-48XX Series Co-Planar waveguide, with ground on the top side of the printed circuit board, is shown in the diagram above. Since it eliminates the need for via holes to ground, it offers lower shunt parasitic inductance and higher maximum attenuation when compared to a microstrip circuit. 50 OHM MICROSTRIP LINES PAD CONNECTED TO GROUND BY TWO VIA HOLES 0.3 nH 0.3 nH 0.3 pF* 1.5 nH 1.5 nH *0.8 pF TYPICAL FOR HSMP-4820 Figure 34. Equivalent Circuit. Figure 33. Circuit Layout. *0.8 pF TYPICAL FOR HSMP-4820 Figure 36. Equivalent Circuit. Figure 35. Circuit Layout. Co-Planar Waveguide Groundplane Center Conductor Groundplane 0.3 pF* 0.75 nH |
Similar Part No. - HSMP-3832-TR2 |
|
Similar Description - HSMP-3832-TR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |