Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3862-TR2 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMP-3862-TR2
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3862-TR2 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMP-3862-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3862-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Surface Mount PIN Diodes
Technical Data
Features
• Diodes Optimized for:
Low Current Switching
Low Distortion Attenuating
Ultra-Low Distortion
Switching
Microwave Frequency
Operation
• Surface Mount SOT-23 and
SOT-143 Packages
Single and Dual Versions
Tape and Reel Options
Available
• Low Failure in Time (FIT)
Rate[1]
Note:
1. For more information see the
Surface Mount PIN Reliability Data
Sheet.
HSMP-38XX and
HSMP-48XX Series
Package Lead Code
Identification
COMMON
CATHODE
#4
UNCONNECTED
PAIR
#5
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
DUAL ANODE
#A
DUAL CATHODE
#B
required. The HSMP-48XX series
are special products featuring
ultra low parasitic inductance in
the SOT-23 package, specifically
designed for use at frequencies
which are much higher than the
upper limit for conventional
SOT-23 PIN diodes. The
HSMP-4810 diode is a low distor-
tion attenuating PIN designed for
operation to 3 GHz. The
HSMP-4820 diode is ideal for
limiting and low inductance
switching applications up to
1.5 GHz. The HSMP-4890 is
optimized for low current switch-
ing applications up to 3 GHz.
The HSMP-386X series of general
purpose PIN diodes are designed
for two classes of applications.
The first is attenuators where
current consumption is the most
important design consideration.
The second application for this
series of diodes is in switches
where low cost is the driving
issue for the designer.
The HSMP-386X series Total
Capacitance (CT) and Total
Resistance (RT) are typical
specifications. For applications
that require guaranteed perfor-
mance, the general purpose
HSMP-383X series is recom-
mended. For low distortion
Description/Applications
The HSMP-380X and HSMP-381X
series are specifically designed for
low distortion attenuator applica-
tions. The HSMP-382X series is
optimized for switching applica-
tions where ultra-low resistance is
required. The HSMP-3880 switch-
ing diode is an ultra low distortion
device optimized for higher power
applications from 50 MHz to
1.5 GHz. The HSMP-389X series is
optimized for switching applica-
tions where low resistance at low
current and low capacitance are
attenuators, the HSMP-380X or
-381X series are recommended.
For high performance switching
applications, the HSMP-389X
series is recommended.
A SPICE model is not available
for PIN diodes as SPICE does not
provide for a key PIN diode
characteristic, carrier lifetime.


Similar Part No. - HSMP-3862-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3862-TR2 HP-HSMP-3862-TR2 Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3862-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com