Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC91C95 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SMC91C95
Description  ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMC91C95 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SMC91C95 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 12Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 13Page - List of Unclassifed Manufacturers SMC91C95 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
10
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
TYPE
DESCRIPTION
81
nByte High
Enable
nSBHE
I with pullup
ISA - Byte High Enable input. Asserted (low)
by the system to indicate a data transfer on
the upper data byte.
nCard
Enable 2
nCE2
PCMCIA - Card Enable 2 input. Used to
select card on odd byte accesses.
83
Ready
IOCHRDY
OD24 with
pullup
ISA
-
Output.
Optionally
used
by
the
SMC91C95 to extend host cycles.
nWait
nWAIT
PCMCIA - Output. Optionally used by the
SMC91C95 to extend host cycles.
59, 60,
61, 63,
65, 66,
68-70,
72-74,
76-79
Data Bus
D0-D15
I/O24
Bidirectional. 16 bit data bus used to access
the SMC91C95 internal registers. The data
bus has weak internal pullups. Supports direct
connection to the system bus without external
buffering.
98
Reset
RESET
IS with
pullup
Input. Active high Reset. This input is not
considered active unless it is active for at least
100ns to filter narrow glitches. A POR circuit
generates an internal reset upon power up for
at
least
15msec.
All
hardware
reset
references in this spec relate to the OR
function of the POR and the RESET pin.
82
Address
Latch
BALE
IS with
pullup
ISA - Input. Address strobe. For systems that
require address latching, the falling edge of
BALE latches address lines and nSBHE.
nWrite
Enable
nWE
PCMCIA - Write Enable input. Used for
writing into COR and CSR registers as well as
attribute memory space.
90
Interrupt
INTR0
O24
ISA - Active high interrupt signal. The interrupt
line selection is determined by the value of
INT SEL1-0 bits in the Configuration Register.
This interrupt is tri-stated when not selected.


Similar Part No. - SMC91C95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
More results

Similar Description - SMC91C95

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
91C94 SMSC-91C94 Datasheet
447Kb / 120P
   ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
   PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
logo
Advanced Micro Devices
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
   PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com