Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1147 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1147
Description  Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1147 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1147 Datasheet HTML 3Page - Allegro MicroSystems A1147 Datasheet HTML 4Page - Allegro MicroSystems A1147 Datasheet HTML 5Page - Allegro MicroSystems A1147 Datasheet HTML 6Page - Allegro MicroSystems A1147 Datasheet HTML 7Page - Allegro MicroSystems A1147 Datasheet HTML 8Page - Allegro MicroSystems A1147 Datasheet HTML 9Page - Allegro MicroSystems A1147 Datasheet HTML 10Page - Allegro MicroSystems A1147 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
A1147-DS, Rev. 6
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 and A1148
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed
across the Hall element. This voltage is disproportionally small
relative to the offset that can be produced at the output of the
Hall sensor. This makes it difficult to process the signal while
maintaining an accurate, reliable output over the specified oper-
ating temperature and voltage ranges.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. The patented Allegro technique, namely
Dynamic Quadrature Offset Cancellation, removes key sources
of the output drift induced by thermal and mechanical stresses.
This offset reduction technique is based on a signal modulation-
demodulation process. The undesired offset signal is separated
from the magnetic field-induced signal in the frequency domain,
through modulation. The subsequent demodulation acts as a
modulation process for the offset, causing the magnetic field-
induced signal to recover its original spectrum at baseband, while
the dc offset becomes a high-frequency signal. The magnetic-
sourced signal then can pass through a low-pass filter, while the
modulated dc offset is suppressed. This configuration is illus-
trated in figure 2.
The chopper stabilization technique uses a 200 kHz high
frequency clock. For demodulation process, a sample and hold
technique is used, where the sampling is performed at twice the
chopper frequency (400 kHz). This high-frequency operation
allows a greater sampling rate, which results in higher accuracy
and faster signal-processing capability. This approach desensi-
tizes the chip to the effects of thermal and mechanical stresses,
and produces devices that have extremely stable quiescent Hall
output voltages and precise recoverability after temperature
cycling. This technique is made possible through the use of a
BiCMOS process, which allows the use of low-offset, low-noise
amplifiers in combination with high-density logic integration
and sample-and-hold circuits.
The repeatability of magnetic field-induced switching is affected
slightly by a chopper technique. However, the Allegro high-
frequency chopping approach minimizes the affect of jitter and
makes it imperceptible in most applications. Applications that
are more likely to be sensitive to such degradation are those
requiring precise sensing of alternating magnetic fields; for
example, speed sensing of ring-magnet targets. For such applica-
tions, Allegro recommends its digital sensor families with lower
sensitivity to jitter. For more information on those devices,
contact your Allegro sales representative.
Figure 2. Chopper stabilization circuit (Dynamic Quadrature Offset Cancellation)
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter


Similar Part No. - A1147

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1147 ALLEGRO-A1147 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147ELHLT-T ALLEGRO-A1147ELHLT-T Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147EUA-T ALLEGRO-A1147EUA-T Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147EUATI ALLEGRO-A1147EUATI Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147EUATI-T ALLEGRO-A1147EUATI-T Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1147

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com