Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1145EUA Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1145EUA
Description  Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1145EUA Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1145EUA Datasheet HTML 1Page - Allegro MicroSystems A1145EUA Datasheet HTML 2Page - Allegro MicroSystems A1145EUA Datasheet HTML 3Page - Allegro MicroSystems A1145EUA Datasheet HTML 4Page - Allegro MicroSystems A1145EUA Datasheet HTML 5Page - Allegro MicroSystems A1145EUA Datasheet HTML 6Page - Allegro MicroSystems A1145EUA Datasheet HTML 7Page - Allegro MicroSystems A1145EUA Datasheet HTML 8Page - Allegro MicroSystems A1145EUA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
A1145-DS, Rev. 6
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 and A1146
NC
1
2
3
Functional Block Diagram
Amp
Regulator
Low-Pass
Filter
GND
VCC
GND
Package UA Only
0.01 uF
V+
Clock/Logic
To All Subcircuits
1. VCC
2. No connection
3. GND
1
2
3
1. VCC
2. GND
3. GND
Package LH, 3-pin SOT
Package UA, 3-pin SIP


Similar Part No. - A1145EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1145EUA-T ALLEGRO-A1145EUA-T Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145EUATI ALLEGRO-A1145EUATI Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145EUATI-T ALLEGRO-A1145EUATI-T Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1145EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com