Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1147EUATI Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1147EUATI
Description  Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1147EUATI Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1147EUATI Datasheet HTML 1Page - Allegro MicroSystems A1147EUATI Datasheet HTML 2Page - Allegro MicroSystems A1147EUATI Datasheet HTML 3Page - Allegro MicroSystems A1147EUATI Datasheet HTML 4Page - Allegro MicroSystems A1147EUATI Datasheet HTML 5Page - Allegro MicroSystems A1147EUATI Datasheet HTML 6Page - Allegro MicroSystems A1147EUATI Datasheet HTML 7Page - Allegro MicroSystems A1147EUATI Datasheet HTML 8Page - Allegro MicroSystems A1147EUATI Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
A1147 and A1148
A1147-DS, Rev. 6
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................28 V
Reverse-Supply Voltage, VRCC ........................–18 V
Magnetic Flux Density, B .........................Unlimited
Power Dissipation, PD............................ Graph, p. 5
Operating Temperature
Ambient, TA, Range E..................–40ºC to 85ºC
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
On-chip protection
Supply transient protection
Reverse-battery protection
On-board voltage regulator
3.5 to 24 V operation
Low Current Ultrasensitive Two-Wire Chopper-Stabilized
Unipolar Hall Effect Switches
Package LH, 3-pin SOT
Features and Benefits
The A1147 and A1148 devices are two-wire, unipolar, Hall effect switches that are
factory-programmed at end-of-line to optimize ultrasensitive magnetic switchpoint
accuracy. These devices use a patented high frequency chopper-stabilization tech-
nique, produced using the Allegro advanced BiCMOS wafer fabrication process,
to achieve magnetic stability and to eliminate offset inherent in single-element
devices exposed to harsh application environments.
Commonly found in a number of automotive applications, these switches are
utilized to sense seat track position, seat belt buckle presence, hood/trunk latch-
ing, and shift selector position. Two-wire unipolar switches, such as the A1147
and A1148, are particularly advantageous in price-sensitive applications because
they require one less wire for operation than do switches with the more traditional
open-collector output. Additionally, the system designer inherently gains diagnos-
tics because there is always output current flowing, which should be in either of
two narrow ranges. Any current level not within these ranges indicates a fault con-
dition. These devices also feature on-chip transient protection and a Zener clamp
to protect against overvoltage conditions on the supply line.
The output currents of the A1148 switches HIGH in the presence of a south (+)
polarity magnetic field of sufficient strength, and switches LOW otherwise, as in
the presence of a weak field or a north (–) polarity field. The A1147 has an oppo-
site output: the currents switch LOW in the presence of a south-polarity magnetic
field of sufficient strength, and switch HIGH otherwise.
Both versions are offered in two package styles. The LH is a SOT-23W, miniature
low-profile package for surface-mount applications. The UA is a three-lead ultra-
mini SIP for through-hole mounting. Each package is available in a lead (Pb) free
version (suffix, –T) with 100% matte tin plated leadframe. Field-programmable
versions also available: A1180 and A1181.
Package UA, 3-pin SIP
Chopper stabilization
Low switchpoint drift over operating
temperature range
Low sensitivity to stress
Factory programmed at end-of-line for
optimized switchpoints
≈1:1
≈1:1


Similar Part No. - A1147EUATI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1147EUATI ALLEGRO-A1147EUATI Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147EUATI-T ALLEGRO-A1147EUATI-T Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1147EUATI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com