Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9959101Q2A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9959101Q2A
Description  TRIPLE PROCESSOR SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9959101Q2A Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962-9959101Q2A Datasheet HTML 2Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 3Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 4Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 5Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 6Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 7Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 8Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 9Page - Texas Instruments 5962-9959101Q2A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TPS330718M
TRIPLE PROCESSOR SUPERVISORS
SGLS133A − JANUARY 2003 − REVISED DECEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements at VDD = 2 V to 6 V, RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw
Pulse width
SENSEn
VSENSEnL = VIT− −0.2 V,
VSENSEnH = VIT+ +0.2 V
6
10
µs
tw
Pulse width
MR
VIH = 0.7 × VDD,VIL = 0.3 × VDD
100
150
ns
switching characteristics at VDD = 2 V to 6 V, RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
VI(SENSEn) ≥ VIT+ + 0.2 V,
MR
≥ 0.7 × VDD, See timing diagram
140
200
280
ms
tPHL
Propagation (delay) time,
high-to-low level output
MR to RESET
MR to RESET
VI(SENSEn) ≥ VIT+ +0.2 V,
200
600
ns
tPLH
Propagation (delay) time,
low-to-high level output
MR to RESET
MR to RESET
VI(SENSEn) ≥ VIT+ +0.2 V,
VIH = 0.7 × VDD,VIL = 0.3 × VDD
200
600
ns
tPHL
Propagation (delay) time,
high-to-low level output
SENSEn to RESET
VIH = VIT+ +0.2 V, VIL = VIT− −0.2 V,
1
5
s
tPLH
Propagation (delay) time,
low-to-high level output
SENSEn to RESET
VIH = VIT+ +0.2 V, VIL = VIT− −0.2 V,
MR
≥ 0.7 × VDD
1
5
µs


Similar Part No. - 5962-9959101Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9959301Q2A TI-5962-9959301Q2A Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
5962-9959301Q2A TI1-5962-9959301Q2A Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
5962-9959301QPA TI-5962-9959301QPA Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
5962-9959301QPA TI1-5962-9959301QPA Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
5962-9959501Q2A TI-5962-9959501Q2A Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - 5962-9959101Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com